Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 215 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 215 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 213Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 214Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 215Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 216Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 217Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 218Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 219Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
214
March 06 , 2012
Rev. 1.50
215
March 06 , 2012
VA
VB
VC
VS S
1 Fr am e
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
CO M0
CO M1
CO M2 
Al l s egm ent s OF F
CO M0 s egm ent s ON
CO M3
CO M1 s egm ent s ON
CO M2 s egm ent s ON
(o t her c om bi na ti ons a re o mi tt ed)
CO M0 , 1 s egm ent s ON
CO M3 s egm ent s ON
No rm al O pe ra ti on M od e
Du ri ng R eset o r in HAL T M ode
CO M0 , C OM 1, C OM 2, C OM 3
Al l se gm ent out pu ts
VA
VB
VC
VS S
VA
VB
VC
VS S
VA
VB
VC
VS S
CO M0 , 2 s egm ent s ON
VA
VB
VC
VS S
CO M0 , 3 s egm ent s ON
VA
VB
VC
VS S
Al l s egm ent s ON
LCD Driver Output – Type A - 1/4 Duty, 1/3 Bias
Note: For 1/3 R type bias, the VA=VLCD, VB=VLCDx2/3 and VC=VLCDx1/3.
For 1/3 C type bias, the VA=VLCDx1.5, VB=VLCD and VC=VLCDx1/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com