Electronic Components Datasheet Search
  English  ▼

X  

HT83007 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT83007
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83007 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT83007 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83007 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
HT83XXX
Rev. 1.60
17
November 19, 2008
The TMR0C is the Timer Counter 0 control register,
which defines the Timer Counter 0 options. The Timer
Counter 1 has the same options as the Timer Counter 0
and is defined by TMR1C.
To enable the counting operation, the Timer ON bit
(TON; bit 4 of TMR0C/TMR1C) should be set to
²1². The
overflow of the timer counter is one of the wake-up
sources. No matter what the operation mode is, writing a
0 to ET0I/ET1I can disable the corresponding interrupt
service.
The TMR0/1 is internal clock source only. There is a
3-bit prescaler (TMRS2, TMRS1, TMRS0) which de-
fines different division ratio of TMR0/1
¢s clock source.
Time Base
The time base enables the counting operation by
INTC.1 (ETBI) bit. The overflow to interrupt as set
INTC.4. The time base is internal clock source only.
Time base of 1ms to overflow as system clock is 4MHz.
Time base of 0.5ms to overflow as system clock is
8MHz.
The registers states are summarized in the following table.
Register
Reset (Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Program
Counter
0000H
0000H
0000H
0000H
0000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
TMR0C
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
TMR1
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
TMR1C
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PBC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
LATCH0H
---- --xx
---- --uu
---- --uu
---- --uu
---- --uu
LATCH0M
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PWMCR
0--- 00-0
u--- uu-u
u--- uu-u
u--- uu-u
u--- uu-u
PWML
xxxx ----
uuuu ----
uuuu ----
uuuu ----
uuuu ----
PWMH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu
uuuu uuuu
VOL
xxxx ----
uuuu ----
uuuu ----
uuuu ----
uuuu ----
LATCHD
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Note:
²u² means ²unchanged²
²x² means ²unknown²
²-² means ²undefined²
¸ 1 0 2 4
S y s t e m C l o c k / 4
O v e r f l o w
t o I n t e r r u p t
Time Base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com