| Electronic Components Datasheet Search |
|
HT83007 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83007 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc |
|
18 / 40 page ![]() HT83XXX Rev. 1.60 18 November 19, 2008 Input/Output Ports There are 12 bidirectional input/output lines in the microcontroller, labeled from PA to PB, which are mapped to the data memory of [12H], [14H] respec- tively. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction ²MOV A, [m]² (m=12H, 14H). For output operation, all the data is latched and remains unchanged until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC) to control the input/output configuration. With this control register, CMOS output or Schmitt trigger input with or without pull-high resistor structures can be reconfigured dynamically under software control. To function as an in- put, the corresponding latch of the control register must write ²1². The input source also depends on the control register. If the control register bit is ²1², the input will read the pad state. If the control register bit is ²0², the contents of the latches will move to the internal bus. The latter is possible in the ²read-modify-write² instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13Hm 15H. After a chip reset, these input/output lines remain at high levels or floating state (dependent on pull-high options). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H) in- structions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. The wake-up capability of port A is determined by mask option. There is a pull-high option available for all I/O lines. Once the pull-high option is selected, all I/O lines have pull-high resistors. Otherwise, the pull-high resistors are absent. It should be noted that a non-pull-high I/O line operating in input mode will cause a floating state. Q D C K S Q Q D C K S Q M U X D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e I / O R e a d I / O S y s t e m W a k e - U p ( P A o n l y ) W e a k P u l l - u p P A 0 ~ P A 7 P B 0 ~ P B 3 M a s k O p t i o n M a s k O p t i o n V D D V D D Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |