Electronic Components Datasheet Search
  English  ▼

X  

HT83010 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT83010
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83010 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT83010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
HT83XXX
Rev. 1.60
12
November 19, 2008
Address
RAM Mapping
Read/Write
Description
00H
IAR0
R/W
Indirect Addressing Register 0
01H
MP0
R/W
Memory Pointer 0
05H
ACC
R/W
Accumulator
06H
PCL
R/W
Program counter lower-order byte address
07H
TBLP
R/W
Table pointer lower-order byte register
08H
TBLH
R
Table higher-order byte content register
09H
WDTS
R/W
Watchdog Timer option setting register
0AH
STATUS
R/W
Status register
0BH
INTC
R/W
Interrupt control register 0
0DH
TMR0
R/W
Timer Counter 0 register
0EH
TMR0C
R/W
Timer Counter 0 control register
10H
TMR1
R/W
Timer Counter 1 register
11H
TMR1C
R/W
Timer Counter 1 control register
12H
PA
R/W
Port A I/O data register
13H
PAC
R/W
Port A I/O control register
14H
PB
R/W
Port B I/O data register
15H
PBC
R/W
Port B I/O control register
18H
LATCH0H
R/W
Voice ROM address latch 0 [A17, A16]
19H
LATCH0M
R/W
Voice ROM address latch 0 [A15~A8]
1AH
LATCH0L
R/W
Voice ROM address latch 0 [A7~A0]
26H
PWMCR
R/W
PWM control register
27H
PWML
R/W, higher-nibble
available only
PWM output data P3~P0 to PWML7~PWML4
28H
PWMH
R/W
PWM output data P11~P4 to PWMH7~PWMH0
29H
VOL
R/W, higher-nibble
available only
Volume control register and volume controlled by VOL8~VOL4
2AH
LATCHD
R
Voice ROM data register
2BH~2FH Unused
30H~7FH User data RAM
R/W
User data RAM
Note:
R: Read only
W: Write only
R/W: Read/Write
Interrupts
The HT83XXX provides two 8-bit programmable timer
interrupts, and a time base interrupt. The Interrupt Con-
trol registers (INTC:0BH) contain the interrupt control
bits to set to enable/disable and the interrupt request
flags.
Once an interrupt subroutine is serviced, all other inter-
rupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may happen during this interval but
only the interrupt request flag is recorded. If a certain in-
terrupt needs servicing within the service routine, the
EMI bit and the corresponding INTC bit may be set to al-
low interrupt nesting. If the stack is full, the interrupt re-
quest will not be acknowledged, even if the related
interrupt is enabled, until the Stack Pointer is decre-
mented. If immediate service is desired, the stack must
be prevented from becoming full.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack and then
branching to subroutines at the specified location(s) in
the program memory. Only the program counter is
pushed onto the stack. The programmer must save the
contents of the register or status register (STATUS) in
advance if they are altered by an interrupt service pro-
gram which corrupts the desired control sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com