Electronic Components Datasheet Search
  English  ▼

X  

LCD05C Datasheet(PDF) 5 Page - Protek Devices

Part # LCD05C
Description  HIGH POWERED MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCD05C Datasheet(HTML) 5 Page - Protek Devices

  LCD05C Datasheet HTML 1Page - Protek Devices LCD05C Datasheet HTML 2Page - Protek Devices LCD05C Datasheet HTML 3Page - Protek Devices LCD05C Datasheet HTML 4Page - Protek Devices LCD05C Datasheet HTML 5Page - Protek Devices LCD05C Datasheet HTML 6Page - Protek Devices LCD05C Datasheet HTML 7Page - Protek Devices LCD05C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05018.R8 11/10
Page 5
LCD05C - LCD24C
sPiCe moDeL
FiguRe 1
sPiCe moDeL
taBLe 1 - sPiCe PaRameteRs
PaRameteR
unit
aBD(tvs)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-13
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
taBLe 2 - aBD sPeCiFiC sPiCe PaRameteRs
PaRt numBeR
B
v(voLts)
C
jo(pF)
i
s (amPs)
R
s(oHms)
LCD05C
6.0
880
1E-11
0.09
LCD08C
8.5
481
1E-13
0.18
LCD12C
13.3
319
1E-13
0.22
LCD15C
16.7
238
1E-13
0.31
LCD24C
26.7
210
1E-13
0.93
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.8nH
LCRD
LCRD
I/O
ABD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com