Electronic Components Datasheet Search
  English  ▼

X  

LCD05C Datasheet(PDF) 1 Page - Protek Devices

Part # LCD05C
Description  HIGH POWERED MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCD05C Datasheet(HTML) 1 Page - Protek Devices

  LCD05C Datasheet HTML 1Page - Protek Devices LCD05C Datasheet HTML 2Page - Protek Devices LCD05C Datasheet HTML 3Page - Protek Devices LCD05C Datasheet HTML 4Page - Protek Devices LCD05C Datasheet HTML 5Page - Protek Devices LCD05C Datasheet HTML 6Page - Protek Devices LCD05C Datasheet HTML 7Page - Protek Devices LCD05C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05018.R8 11/10
Page 1
LCD05C - LCD24C
HigH PoweReD muLti-Line tvs aRRay
DesCRiPtion
The LCD Series are high powered multi-line TVS arrays available in a 16 pin DIP package. This series is designed to
protect high-speed applications from the damaging effects of ESD, EFT and secondary transient threats.
The LCD Series has a peak pulse power rating of 800 Watts for an 8/20µs waveshape. This devices meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• ESD Protection > 25 kilovolts
• Available in Multiple Voltages
• Protects up to 8 Lines
• Low Capacitance: 15pF
• RoHS Compliant
• REACH Compliant
meCHaniCaL CHaRaCteRistiCs
• Molded 16 Pin Dual-In-Line (DIP) Package
• Approximate Weight: 1.2 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
aPPLiCations
• Ethernet 10/100 Base T
• RS-485
• xDSL & ATM
• SCSI & USB Interfaces
• Audio/Video I/O Ports
Pin ConFiguRation
16 Pin DiP PaCkage
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15


Similar Part No. - LCD05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCD05C PROTEC-LCD05C Datasheet
204Kb / 5P
LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
86Kb / 5P
5LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C Datasheet
788Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_07 Datasheet
86Kb / 5P
5LOW CAPACITANCE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - LCD05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
High powered multi-line tvs array
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
High powered multi-line tvs array
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
High powered multi-line VSIP짰 tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com