Electronic Components Datasheet Search
  English  ▼

X  

PA2157 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2157
Description  Low RDSON SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2157 Datasheet(HTML) 5 Page - Protek Devices

  PA2157 Datasheet HTML 1Page - Protek Devices PA2157 Datasheet HTML 2Page - Protek Devices PA2157 Datasheet HTML 3Page - Protek Devices PA2157 Datasheet HTML 4Page - Protek Devices PA2157 Datasheet HTML 5Page - Protek Devices PA2157 Datasheet HTML 6Page - Protek Devices PA2157 Datasheet HTML 7Page - Protek Devices PA2157 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
5
PA2157
Low RDSON SPDT Analog Switch
95235 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
TYPICAL PERFORMANCE CHARACTERISTICS
On Response vs. Frequency
3
V+ = +3V
TA = +25°C
0
On Response vs. Frequency
3
V+ = +5V
TA = +25°C
0
-3
-3
-6
-6
-9
1
10
100
1000
Frequency (MHz)
-9
1
10
100
1000
Frequency (MHz)
20
0
-20
-40
-60
-80
-100
-120
-140
Response vs. Frequency
ON-LOSS
OFF-ISOLATION
V+ = +3V
TA = +25°C
20
0
-20
-40
-60
-80
-100
-120
-140
Response vs. Frequency
ON-LOSS
OFF-ISOLATION
V+ = +5V
TA = +25°C
0.01
0.1
1
10
100
1000
Frequency (MHz)
0.01
0.1
1
10
100
1000
Frequency (MHz)
TEST CIRCUITS.
10mA
COM
V1
VNO or VNC
NO or NC
RON = V1/10mA
Test Circuit. 1. On Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com