Electronic Components Datasheet Search
  English  ▼

X  

PA2157 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2157
Description  Low RDSON SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2157 Datasheet(HTML) 1 Page - Protek Devices

  PA2157 Datasheet HTML 1Page - Protek Devices PA2157 Datasheet HTML 2Page - Protek Devices PA2157 Datasheet HTML 3Page - Protek Devices PA2157 Datasheet HTML 4Page - Protek Devices PA2157 Datasheet HTML 5Page - Protek Devices PA2157 Datasheet HTML 6Page - Protek Devices PA2157 Datasheet HTML 7Page - Protek Devices PA2157 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
1
PA2157
Low RDSON SPDT Analog Switch
95235 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
●
Voltage Operation: 1.8V to 5.5V
●
On-Resistance: 4.5Ω (TYP) at 5.0V
●
Fast Switching Times
tON 20nS
tOFF 15nS
●
High Bandwidth: 300MHz
●
High Off-Isolation: -51dB at 10MHz
●
Rail-to-Rail Operation
●
TTL/CMOS Compatible
●
Break-Before-Make Switching
●
Temperature Range: -40°C to 85°C
●
Lead (Pb) Free SC70-6 Package
APPLICATIONS
•
Portable Instrumentation
•
Battery-Operated Equipment
•
Computer Peripherals
•
Cell Phones
•
PDAs
•
MP3s
Truth Table
Logic
NC
NO
0
ON
OFF
1
OFF
ON
PIN DESCRIPTION
NAME
PIN
NO
1
Normally-open terminal
GND
2
Ground
NC
3
Normally-closed terminal
COM
4
Common terminal
V+
5
Power supply
IN
6
Digital control pin to connect the COM
terminal to the NO or NC terminals
DESCRIPTION
The PA2157 is a single, bidirectional, single-pole/ double-
throw (SPDT) CMOS analog switch that is designed to
operate from a single +1.8V to +5.5V supply. It features
high-bandwidth (300MHz) and low on- resistance (4.5Ω
TYP), Targeted applications for audio switching.
The PA2157 features guaranteed on-resistance matching
(0.3Ω MAX) between switches and guaranteed on-
resistance flatness over the signal range (2.3Ω TYP).
This ensures excellent linearity and low distortion when
switching audio signals.
PA2157 is available in a SC70-6 package.
PIN CONFIGURATION
2
SC70-6
Ordering information
Temp. Range
Package
Part
Number
-40 to 85 °C
SC70-6
PA2157-T7
Top View
NO (Source1) 1
34
5
6
GND
NC (Source2)
COM
VCC
IN


Similar Part No. - PA2157

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2150.181NL PULSE-PA2150.181NL Datasheet
142Kb / 6P
THT POWER INDUCTORS Power Beads
PA2150.231NL PULSE-PA2150.231NL Datasheet
142Kb / 6P
THT POWER INDUCTORS Power Beads
PA2150.261NL PULSE-PA2150.261NL Datasheet
142Kb / 6P
THT POWER INDUCTORS Power Beads
PA2150.371NL PULSE-PA2150.371NL Datasheet
142Kb / 6P
THT POWER INDUCTORS Power Beads
PA2150.471NL PULSE-PA2150.471NL Datasheet
142Kb / 6P
THT POWER INDUCTORS Power Beads
More results

Similar Description - PA2157

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2011 PROTEC-PA2011_11 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
SPDT Analog Switch
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com