Electronic Components Datasheet Search
  English  ▼

X  

PA2312 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2312
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2312 Datasheet(HTML) 2 Page - Protek Devices

  PA2312 Datasheet HTML 1Page - Protek Devices PA2312 Datasheet HTML 2Page - Protek Devices PA2312 Datasheet HTML 3Page - Protek Devices PA2312 Datasheet HTML 4Page - Protek Devices PA2312 Datasheet HTML 5Page - Protek Devices PA2312 Datasheet HTML 6Page - Protek Devices PA2312 Datasheet HTML 7Page - Protek Devices PA2312 Datasheet HTML 8Page - Protek Devices PA2312 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
2
PA2312
LoPro
™ Dual SPDT Analog Switch
95210 Rev.2. 03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings
(1)
Supply Voltage VCC
..................................................4.5V
DC Switch Voltage (VS)
(2)
................................. VCC +0.5V
DC Input Voltage (VIN)(2) .......................................... 4.5V
Analog Signal Range.....................Min -1.0 to Max VCC +1.0
Continuous Current NO_NC_COM_ ...............±300mA Peak
Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ....................±400mA Peak
Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ........................... ±500mA
Storage Temperature Range (TSTG) .. …..–65°C to +150°C
Junction Temperature under Bias (TJ)..........................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds).............................................260°C
Power Dissipation (PD) @ +85°C ........................ …250mW
Recommended Operating Conditions
Supply Voltage Operating (V
CC) …………….. 1.8V to 4.2V
±10% Control Input Voltage (V
IN)……………….. 0V to VCC
Switch Input Voltage (V
IN)………………………. -0.3V to VCC
OutputVoltageV
OUT)……………………………..…. 0V to VCC
Operating Temperature (T
A)……….………… –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V………………..0ns/V to 10ns/V
Thermal Resistance (θ
JA)………………………….350°C/W
Lead Temperature (soldering 10s)………………….+220°C
Bump Temperature (soldering Notes)
Infared(15s)………………………….
+220°C
Vapor Phase (60ns)……………………………………….+215°C
Notes:
1. "Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
Control input must be held HIGH or LOW; it must not float
Capacitance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
NC Off Capacitance
CNC(OFF)
f =1MHz, See Test Circuit Figure7.
35
NO Off Capacitance
CNO(OFF)
f =1MHz, See Test Circuit Figure7.
35
NC On Capacitance
CNC(ON)
f =1MHz, See Test Circuit Figure8.
95
NO On Capacitance
CNO(ON)
f =1MHz, See Test Circuit Figure8.
95
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com