Electronic Components Datasheet Search
  English  ▼

X  

PA2312 Datasheet(PDF) 3 Page - Protek Devices

Part # PA2312
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2312 Datasheet(HTML) 3 Page - Protek Devices

  PA2312 Datasheet HTML 1Page - Protek Devices PA2312 Datasheet HTML 2Page - Protek Devices PA2312 Datasheet HTML 3Page - Protek Devices PA2312 Datasheet HTML 4Page - Protek Devices PA2312 Datasheet HTML 5Page - Protek Devices PA2312 Datasheet HTML 6Page - Protek Devices PA2312 Datasheet HTML 7Page - Protek Devices PA2312 Datasheet HTML 8Page - Protek Devices PA2312 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
3
PA2312
LoPro
™ Dual SPDT Analog Switch
95210 Rev.2. 03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
DC Electrical Characteristics +3V Supply
(VCC = 2.7V to 3.3V, TA = –40°C to 85°C, unless otherwise noted. Typical values are at 3V and +25°C.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Analog Switch
Analog Signal
Range
VNO,VNC,
VCOM
-0.3
VCC
V
NC On-Resistance
RON(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.6
0.8
NO On-Resistance
RON(No)
VCC = 2.7V, ICOM = 100mA,
VNO = 0 to VCC
0.6
0.8
On-Resistance
Match Between
Channels
∆RON
VCC = 2.7V, ICOM = 100mA,
VNO or VNC = 1.5V
0.01
0.05
NC On-Resistance
Flatness
RONF(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.2
NO On-Resistance
Flatness
RONF(NO)
VCC = 2.7V, ICOM = 100mA,
VNO = 0 to VCC
0.2
Ω
NO or NC Off
Leakage Current
IOFF(NO) or
IOFF(NC)
VCC = 3.3V, ICOM, VNO or VNC = 3.0V, 0.3V
VCOM = 0.3V,3.0V
-20
20
COM On Leakage
Current
ICOM(ON)
VCC = 3.3V, ICOM, VNO or VNC = 3.0V, 0.3V
VCOM = 0.3V,3.0V or Floating
-20
20
nA
Digital I/O
Input Logic High
VIH
1.3
Input Logic Low
VIL
0.5
V
Input Hysteresis
VH
VCC = 3.3V
300
mV
IN Input Leakage
Current
IIN
VIN = 0 or VCC
-0.5
0.5
µA
Supply Current
ICC
VCC = 3.6V, VIN = 0 or VCC
0.9
1.2
nA
Switch and AC Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Turn-On Time
tON
VCC = 2.7V,VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF.
See Test Circuit Figure 1 & 2
15
25
Turn-Off Time
tOFF
VCC = 2.7V,VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF.
See Test Circuit Figure 1 & 2
4
10
Break-Before-
Make Delay
tBBM
VCC = 2.7V,VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF.
See Test Circuit Figure 3
20
nS
Charge Injection
Q
COM = 0, RS = 0, CL = 1nF. VGEN = 0
See Test Circuit Figure 4
55
pC
Off-Isolation
QIRR
CL = 5pF, RL = 50Ω, f = 100kHz,
VCOM = 1VRMS
See Test Circuit Figure 5
-75
Crosstalk
XTALK
CL = 5pF, RL = 50Ω, f = 100kHz,
VCOM = 1VRMS
See Test Circuit Figure 6
-90
dB
3dB Bandwidth
f3dB
See Test Circuit Figure 9
60
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com