Electronic Components Datasheet Search
  English  ▼

X  

PA2983 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2983
Description  LoPro??DPDT USB2.0 Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2983 Datasheet(HTML) 5 Page - Protek Devices

  PA2983 Datasheet HTML 1Page - Protek Devices PA2983 Datasheet HTML 2Page - Protek Devices PA2983 Datasheet HTML 3Page - Protek Devices PA2983 Datasheet HTML 4Page - Protek Devices PA2983 Datasheet HTML 5Page - Protek Devices PA2983 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA2983
LoPro™ DPDT USB2.0 Switch
95217 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Diagrams.
Fig.8 Bandwidth
Fig.9 Channel Off Isolation
Fig.10 Non-Adjacent Channel-to-Channel Crosstalk
Fig.11 Channel Off Capacitance.
Fig.12 Channel On Capacitance.
VCC
Network
Analyzer
GND
RS
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
RL
50Ω
Logic Input
0V or VIH
VCC
Logic Input
0V or VIH
Analyzer
CL
5pF
RL
50Ω
GND
Signal
Generator
10nF
SEL
Dn
HSDn
RS
50Ω
RL , CL Are functions of the application
RL , CL Are functions of the application
VCC
Analyzer
CL
5pF
RL
50Ω
GND
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
HSDn
50Ω
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com