Electronic Components Datasheet Search
  English  ▼

X  

PA2983 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2983
Description  LoPro??DPDT USB2.0 Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2983 Datasheet(HTML) 1 Page - Protek Devices

  PA2983 Datasheet HTML 1Page - Protek Devices PA2983 Datasheet HTML 2Page - Protek Devices PA2983 Datasheet HTML 3Page - Protek Devices PA2983 Datasheet HTML 4Page - Protek Devices PA2983 Datasheet HTML 5Page - Protek Devices PA2983 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA2983
LoPro™ DPDT USB2.0 Switch
95217 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
•
Low On-Resistance: 7.0Ω typical.
•
Vcc Range: 2.7V to 4.2V ±10%
•
Switching Speed 20nS
•
Break-Before-Make Switching
•
Extended Industrial Temperature Range: –40°C to 85°C
•
LoPro™ Packaging (Pb-free): 10-Lead Micro Package
•
Bandwidth > 1GHz @ -3dB roll-off.
•
Compatible with 1.8V systems.
•
Power off protection.
•
CIN Capacitance 1.5pF. CON (D+ D-) Capacitance 3.7pF
Applications
•
Hand Held Devices
•
Cell Phones
•
PDA’s
•
Notebooks
•
LCD Monitors
•
Set Top Box
•
USB2.0 Applications
Pin Definitions
Pin No.
PA2983
Name
Description
8
OE
Switch Enable
4
GND
Ground
1,2,6,7
HSD1n,
HSD2n.
Multiplexed DATA I/O
3,5
D+, D-
Common Port / USB DATA
9
VCC
Positive Power Supply
10
SEL
Switch Select
Logic Function Table
OE
SEL
Function
H
X
I/O’s = Hi-Z
L
L
D+,D- = HSD1+, HSD1-
L
H
D+,D- = HSD2+,HSD2-.
Description
ProTek Analog’s PA2983, PA2983L is a bidirectional two-port Hi-
speed USB2.0 switch. Configured as a double-pole double throw
(DPDT) switch, it is optimized for switching between two 480Mbps
sources or a Hi-speed and Full-speed 12Mbps source.
The bandwidth of 1GHz allows passing of the 3rd Harmonic,
resulting in minimal edge and phase distortion.
Superior channel to channel crosstalk minimizes interference.
Functional Block Diagram
Pin Configuration (Top through View)
Temperature Range
Package
Part Number
-40 to 85 °C
10 Lead LoPro
PA2983-T7
D+
D-
Control
OE
SEL
HSD1-
HSD1+
HSD2-
HSD2+
PA2983
SEL
OE
GND
VCC
10
1
2
3
4
5
6
7
8
9
D-
D+


Similar Part No. - PA2983

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2983.230HLT PULSE-PA2983.230HLT Datasheet
532Kb / 2P
Power Beads - PA2983.XXXHL Series
PA2983.650HLT PULSE-PA2983.650HLT Datasheet
532Kb / 2P
Power Beads - PA2983.XXXHL Series
More results

Similar Description - PA2983

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
LoPro??DPDT 400MHz Switch
PA2222 PROTEC-PA2222 Datasheet
137Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com