Electronic Components Datasheet Search
  English  ▼

X  

PA5240 Datasheet(PDF) 2 Page - Protek Devices

Part # PA5240
Description  24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5240 Datasheet(HTML) 2 Page - Protek Devices

  PA5240 Datasheet HTML 1Page - Protek Devices PA5240 Datasheet HTML 2Page - Protek Devices PA5240 Datasheet HTML 3Page - Protek Devices PA5240 Datasheet HTML 4Page - Protek Devices PA5240 Datasheet HTML 5Page - Protek Devices PA5240 Datasheet HTML 6Page - Protek Devices PA5240 Datasheet HTML 7Page - Protek Devices PA5240 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 474-1715
www.protekanalog.com
PA5240
24-Bit, 192 kHz Stereo A/D Converter
for PCM Audio
95246 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PIN DESCRIPTIONS
Pin Name
Pin number
Input or Output
Pin Description
M0, M1
1, 16
I
Mode selection
MCLK
2
I
Master clock
SCLK
7
I/O
Serial data bit clock
LRCK
8
I/O
Serial data left and right channel frame clock
SDOUT
4
O
Serial data output
RESETb
9
I
Active low chip reset
AINL, AINR
10,12
I
Analog left and right inputs
VDDP
3
I
Power supply for the digital input and output
VDDD/GNDD
6, 5
I
Digital power supply
VDDA/GNDA
13, 14
I
Analog power supply
REFP
15
O
Filtering capacitor connection
REFQ
11
O
Filtering capacitor connection
ABSOLUTE MAXIMUM RATINGS
Supply Voltage …………………………. MIN-0.3V MAX +7.0V
Input Voltage ………………… MIN GND-0.3V MAX VDDP+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Temperature…………………MIN -65°C MAX +150°C
RECOMMENDED OPERATING CONDITIONS
VDDA …………………………. MIN 3.0V MAX 5.5V
VDDD …………………………. MIN 3.0V MAX 5.5V
VDDP………………………….. MIN 1.5V MAX 5.5V
M0
MCLK
VDDP
SDOUT
GNDD
VDDD
SCLK
LRCK
1
2
3
4
5
6
7
8
M1
REFP
GNDA
VDDA
AINR
REFQ
AINL
RESETb
16
15
14
13
12
11
10
9
PA5240



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com