Electronic Components Datasheet Search
  English  ▼

X  

PA5240 Datasheet(PDF) 4 Page - Protek Devices

Part # PA5240
Description  24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5240 Datasheet(HTML) 4 Page - Protek Devices

  PA5240 Datasheet HTML 1Page - Protek Devices PA5240 Datasheet HTML 2Page - Protek Devices PA5240 Datasheet HTML 3Page - Protek Devices PA5240 Datasheet HTML 4Page - Protek Devices PA5240 Datasheet HTML 5Page - Protek Devices PA5240 Datasheet HTML 6Page - Protek Devices PA5240 Datasheet HTML 7Page - Protek Devices PA5240 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 474-1715
www.protekanalog.com
PA5240
24-Bit, 192 kHz Stereo A/D Converter
for PCM Audio
95246 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
SERIAL AUDIO PORT SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
MIN
MAX
UNIT
MCLK Frequency
51.2
MHz
MCLK Duty Cycle
40
60
%
LRCK Frequency
200
KHz
LRCK Duty Cycle
40
60
%
SCLK Frequency
26
MHz
SCLK Pulse Width Low
TSCKL
15
ns
SCLK Pulse Width High
TSCKH
15
ns
SCLK Rising to LRCK Edge Delay
TLRH
10
ns
SCLK Rising to LRCK Edge Setup Time
TRSU
10
ns
SDATA Valid to SCLK Rising Setup Time
TSDS
10
ns
SCLK Rising to SDATA Hold Time
TSDH
10
ns
SDATA
SCLK
LRCK
T
LRH
T
LRSU
T
SDS
T
SDH
T
SCKH
T
SCKL
T
SCKY
Figure 1 Serial Audio Port Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com