Electronic Components Datasheet Search
  English  ▼

X  

PA5331 Datasheet(PDF) 15 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 15 Page - Protek Devices

Back Button PA5331 Datasheet HTML 11Page - Protek Devices PA5331 Datasheet HTML 12Page - Protek Devices PA5331 Datasheet HTML 13Page - Protek Devices PA5331 Datasheet HTML 14Page - Protek Devices PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 10
– ADC Control 2, Default 0000 0000
Bit Name
Bit
Description
LINSEL
7:6
Left channel input select
00
– reserved (default)
01
– LINPUT1
10
– reserved
11
– L-R differential (either LINPUT1-RINPUT1, selected by DS)
RINSEL
5:4
Right channel input select
00
– reserved (default)
01
– RINPUT1
10
– LINPUT2
11
– L-R differential (either LINPUT1-RINPUT1, selected by DS)
Register 11
– ADC Control 3, Default 0000 0110
Bit Name
Bit
Description
DS
7
Differential input select
0
– reserved (default)
1
– LINPUT1-RINPUT1
MONOMIX
4:3
00
– stereo (default)
01
– analog mono mix to left ADC
10
– analog mono mix to right ADC
11
– reserved
TRI
2
0
– ASDOUT is ADC normal output (default)
1
– ASDOUT tri-stated, ALRCK, DLRCK and SCLK are inputs
OC[1:0]
1:0
00
– over current setting (default)
Register 12
– ADC Control 4, Default 0000 0000
Bit Name
Bit
Description
DATSEL
7:6
00
– left data = left ADC, right data = right ADC
01
– left data = left ADC, right data = left ADC
10
– left data = right ADC, right data = right ADC
11
– left data = right ADC, right data = left ADC
ADCLRP
5
I2S, left justified or right justified mode:
0
– left and right normal polarity
1
– left and right inverted polarity
DSP/PCM mode:
0
– MSB is available on 2nd BCLK rising edge after ALRCK rising edge
1
– MSB is available on 1st BCLK rising edge after ALRCK rising edge
ADCWL
4:2
000
– 24-bit serial audio data word length
001
– 20-bit serial audio data word length
010
– 18-bit serial audio data word length
011
– 16-bit serial audio data word length
100
– 32-bit serial audio data word length
ADCFORMAT
1:0
00
– I2S serial audio data format
01
– left justify serial audio data format
10
– right justify serial audio data format
11
– DSP/PCM mode serial audio data format
Register 13
– ADC Control 5, Default 0000 0110
Bit Name
Bit
Description
ADCFsMode
5
0
– single speed mode (default)
1
– double speed mode
ADCFsRatio
4:0
Master mode ADC MCLK to sampling frequency ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com