Electronic Components Datasheet Search
  English  ▼

X  

PA5331 Datasheet(PDF) 23 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 23 Page - Protek Devices

Back Button PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices PA5331 Datasheet HTML 24Page - Protek Devices PA5331 Datasheet HTML 25Page - Protek Devices PA5331 Datasheet HTML 26Page - Protek Devices PA5331 Datasheet HTML 27Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 46
– DAC Control 24, Default 0000 0000
Bit Name
Bit
Description
LOUT2VOL
5:0
LOUT2 volume
000000
– -30dB (default)
000001
– -29dB
000010
– -28dB
…
011110
– 0dB
011111
– 1dB
…
100100
– 6dB
Register 47
– DAC Control 25, Default 0000 0000
Bit Name
Bit
Description
ROUT2VOL
5:0
ROUT2 volume
000000
– -30dB (default)
000001
– -29dB
000010
– -28dB
…
011110
– 0dB
011111
– 1dB
…
100100
– 6dB
Register 48
– DAC Control 26, Default 0000 0000
Bit Name
Bit
Description
LOUT1VOL
5:0
LOUT1 volume
000000
– -30dB (default)
000001
– -29dB
000010
– -28dB
…
011110
– 0dB
011111
– 1dB
…
100100
– 6dB
Register 49
– DAC Control 27, Default 0000 0000
Bit Name
Bit
Description
ROUT1VOL
5:0
ROUT1 volume
000000
– -30dB (default)
000001
– -29dB
000010
– -28dB
…
011110
– 0dB
011111
– 1dB
…
100100
– 6dB
Register 50
– DAC Control 28, Default 0000 0000
Bit Name
Bit
Description
MONOOUTVOL
5:0
Reserved
Register 51
– DAC Control 29, Default 0000 0000
Bit Name
Bit
Description
hpLout1_ref1
7
Reserved
hpLout1_ref2
6
Reserved
hpRout1_ref1
5
Reserved
hpRout1_ref2
4
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com