Electronic Components Datasheet Search
  English  ▼

X  

PA5711 Datasheet(PDF) 2 Page - Protek Devices

Part # PA5711
Description  High Voltage LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5711 Datasheet(HTML) 2 Page - Protek Devices

  PA5711 Datasheet HTML 1Page - Protek Devices PA5711 Datasheet HTML 2Page - Protek Devices PA5711 Datasheet HTML 3Page - Protek Devices PA5711 Datasheet HTML 4Page - Protek Devices PA5711 Datasheet HTML 5Page - Protek Devices PA5711 Datasheet HTML 6Page - Protek Devices PA5711 Datasheet HTML 7Page - Protek Devices PA5711 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ANALOG PRODUCTS DIVISION
2929 South Fair Lane, Tempe Tel: (602) 431-8101. Fax: (602) 431-2288
2
www.protekdevices.com
PA5711
High Voltage LED Driver
Rev.0. 03/12
NOT FOR USE IN LIFE SUPPORT SYSTEMS
1. SPECIFICATIONS
1.1 Absolute Maximum Rating
1.2 Pin Description
PIN #
NAME
FUNCTION
1
NC
No Connect
2
NC
No Connect
3
NC
No Connect
4
VIN
Supply voltage 11V- 480V
5
REXT
Pin for current limiting resistor between VIN and REXT.
6
ROSC
Resistor to ground sets the oscillator Frequency.
7
MD
Motion detection signal input; Connect to VDD when
unused.
8
LS
Light sense signal input; Connect to GND when unused.
9
EN
Gate driver enable. Connect to VDD to enable the Gate
driver output.
10
PWM
PWM input to control the Gate output. Connect to VDD when
unused
11
VDD
5V
regulated
supply
voltage
output.
Requires
a
storage capacitor to ground. External Voltage source can
be connected to power the chip
12
LD
Linear Dimming. Used to reduce the threshold voltage
lower than the internal 280mV. Connect to VDD when
unused
13
CS
LED Current sense input.
14
GND
Chip Ground
15
Gate
Gate driver Output
16
VDD
5V regulated supply voltage output
Parameter
Symbol
Max
Unit
Input Voltage
VIN
-0.5 to 500
V
Input and Output voltage to GND
CS, LD, PWM, MD, EN, Gate
-0.3 to VDD+0.3
V
VDD, externally applied
VDD-EXT
8
V
Power Dissipation
PD
3.45
W
Maximum Junction Temperature
TJMAX
168
°C
Operating Temperature
TA
-40 to +85
°C
Junction temperature (operating)
TJ
-40 to+150
°C
Thermal Resistance Junction to Ambient
ja
12
°C/W
Storage Temperature
TSTG
-55 to +150
°C
VIN
1.3 Pin Configuration
PWM
NC
NC
NC
EN
VDD
LD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PA5711
Note: Continuous operation at or beyond these conditions may
permanently damage the device.
Top view of the PA5711



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com