Electronic Components Datasheet Search
  English  ▼

X  

PA5711 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5711
Description  High Voltage LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5711 Datasheet(HTML) 3 Page - Protek Devices

  PA5711 Datasheet HTML 1Page - Protek Devices PA5711 Datasheet HTML 2Page - Protek Devices PA5711 Datasheet HTML 3Page - Protek Devices PA5711 Datasheet HTML 4Page - Protek Devices PA5711 Datasheet HTML 5Page - Protek Devices PA5711 Datasheet HTML 6Page - Protek Devices PA5711 Datasheet HTML 7Page - Protek Devices PA5711 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ANALOG PRODUCTS DIVISION
2929 South Fair Lane, Tempe Tel: (602) 431-8101. Fax: (602) 431-2288
3
www.protekdevices.com
PA5711
High Voltage LED Driver
Rev.0. 03/12
NOT FOR USE IN LIFE SUPPORT SYSTEMS
1.4 Electrical Specifications
Parameter
Symbol
Min
Typical*
Max
Units
Conditions
Input DC Voltage Range
VINDC
11
480
V
DC input Voltage into the VIN pin
Shut-Down Mode Supply Current
IINsd
1.3
1.87
mA
EN to GND
VDD=5 ROSC = 1M
Internal DC Voltage Regulator
VDD
5
V
VIN=15~450V, IDD(ext)=0, Gate output open
Maximum Voltage to VDD Pin
VDDmax
7
V
External voltage applied to VDD pin
VDD Current Available
for External Circuitry
IDD(ext)
1.0
mA
Limited by package power dissipation
PWM Pull-Down Resistance
REN
55
70
72
k
Ω
VPWM = 5V
Current Sense Threshold Voltage
VCS(high)
272
280
304
mV
T=25
 C
GATE High Output Voltage
VGATE(high)
VDD-0.2
VDD
V
IOUT=10mA VIN =20V
GATE Low Output Voltage
VGATE(low)
0
0.2
V
IOUT=-10mA VIN =20V
Oscillator Frequency
fOSC
196
200
204
kHz
ROSC = 150 kΩ
32
34
35
kHz
ROSC = 1 MΩ
Oscillator PWM Duty Cycle
D
0
100
%
External voltage provided to PWM
Linear Dimming Voltage Range
VLD
0
250
mV
External voltage provided to the LD pin.
Delay from CS Trip to gate low
tDELAY
22.9
24.8
nS
GATE Output Rise Time
tRISE
25
nS
GATE Output Fall Time
tFALL
20
nS
Quiescent current
IQ
1.4
1.5
1.6
mA
No load, VDD=5
Pin LS input low
VLS(lo)
635
mV
VDD=5
Pin LS input high
VLS(hi)
630
mV
VDD=5
Pin EN input low
VEN(lo)
2.28
mV
VDD=5
Pin EN input high
VEN(hi)
2.85
mV
VDD=5
Pin MD input low
VMD(lo)
2.38
mV
VDD=5
Pin MD input high
VMD(hi)
2.55
mV
VDD=5
Pin PWM input low
VPWM(lo)
2.24
mV
VDD=5
Pin PWM input high
VPWM(hi)
2.66
mV
VDD=5
*Typical values should not be used for specification limits. TA=25°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com