Electronic Components Datasheet Search
  English  ▼

X  

BUZ102 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BUZ102
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ102 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BUZ102 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 102
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
5.0
V
DS
0
10
20
30
40
50
60
70
80
A
100
I
D
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 200W
l
20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
10
20
30
40
50
60
70
A
90
I
D
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0.055
0.060
Ω
0.070
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
a
4.5
b
b
5.0
c
c
5.5
d
d
6.0
e
e
6.5
f
f
7.0
g
g
7.5
h
h
8.0
i
i
9.0
j
j
10.0
k
k
20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
5
10
15
20
25
30
35
40
45
50
A
60
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
10
20
30
40
A
60
I
D
0
2
4
6
8
10
12
14
16
18
20
22
24
26
S
30
g
fs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com