Electronic Components Datasheet Search
  English  ▼

X  

LB1848MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1848MC
Description  Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1848MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1848MC Datasheet HTML 1Page - Sanyo Semicon Device LB1848MC Datasheet HTML 2Page - Sanyo Semicon Device LB1848MC Datasheet HTML 3Page - Sanyo Semicon Device LB1848MC Datasheet HTML 4Page - Sanyo Semicon Device LB1848MC Datasheet HTML 5Page - Sanyo Semicon Device LB1848MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
32112 SY 20120229-S00010 No.A2036-1/6
LB1848MC
Overview
The LB1848MC is 2-channel low-voltage, low saturation voltage type bidirectional motor driver IC that is optimal for
use as 2-phase stepping motor drivers in printers, cameras and other portable equipment. The output circuits are of the
bipolar type, with PNP transistors in the upper side and NPN transistors in the lower side, and they achieve low
saturation output and low power characteristics despite being provided in a miniature package.
The LB1848MC products can directly control a motor from signals from a microcontroller. The LB1848MC is optimal
for 2-phase excitation drive for 2-phase stepping motors using 3-input logic (ENA, IN1 and IN2).
Another point is that these IC include built-in thermal shutdown circuits so that IC scorching or burning is prevented in
advance even if the IC output is shorted.
Functions
• Optimal for 2-phase excitation drive for 2-phase stepping motors
• Standby current: Zero
• Low saturation voltage. VO (sat) = 0.55V typical at IO = 400mA
• Thermal shutdown circuit
• Through-current prevention circuit
• No limitations on the magnitude relationship between the power supply voltage (VCC) and the input voltage (VIN)
• “Soft off” function that reduces power supply line noise when switching from drive to standby modes. (Requires the
use of one external capacitor.)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
-0.3 to +8.0
V
Output voltage
VOUT
VCC + VSF
V
Input voltage
VIN
-0.3 to +8.0
V
Ground pin outflow current
IGND
Per channel
800
mA
Allowable power dissipation
Pd max
When mounted*
820
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
Continued on next page.
Monolithic Digital IC
Low-Voltage/Low Saturation Voltage Type
Bidirectional Motor Driver
Ordering number : ENA2036


Similar Part No. - LB1848MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
More results

Similar Description - LB1848MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
104Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com