Electronic Components Datasheet Search
  English  ▼

X  

LB1848MC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1848MC
Description  Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1848MC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1848MC Datasheet HTML 1Page - Sanyo Semicon Device LB1848MC Datasheet HTML 2Page - Sanyo Semicon Device LB1848MC Datasheet HTML 3Page - Sanyo Semicon Device LB1848MC Datasheet HTML 4Page - Sanyo Semicon Device LB1848MC Datasheet HTML 5Page - Sanyo Semicon Device LB1848MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1848MC
No.A2036-2/6
Continued from preceding page.
*1: When mounted on the specified printed circuit board (114.3mm × 76.2mm × 1.5mm), glass epoxy board
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 7.5
V
Input high-level voltage
VIH
2.5 to 7.5
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC0
ENA = 0V, VIN = 3V or 0V
-
0.1
10
µA
ICC1
ENA = 3V, VIN = 3V or 0V
-
25
35
mA
Output saturation voltage
VOUT1
ENA = 3V, VIN = 3V or 0V, VCC = 3 to 7.5V,
IOUT = 200mA
-0.27
0.4
V
VOUT2
ENA = 3V, VIN = 3V or 0V, VCC = 4 to 7.5V,
IOUT = 400mA
-0.55
0.8
V
Input current
IIN
VIN = 5V
-
75
100
µA
IENA
ENA = 5V
-
85
110
µA
Spark Killer Diode
Reverse current
IS (leak)
-
-
30
µA
Forward voltage
VSF
IOUT = 400mA
-
-
1.7
V
Package Dimensions
unit : mm (typ)
3426
SANYO : SOIC10
5.0
6
10
5
1
0.15
0.35
1.0
Pd max -- Ta
0
400
492
200
600
1000
800
820
60
40
80
100
020
--20
Ambient temperature, Ta - C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com