Electronic Components Datasheet Search
  English  ▼

X  

LB1909MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1909MC
Description  Monolithic Digital IC Stepping Motor Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1909MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1909MC Datasheet HTML 1Page - Sanyo Semicon Device LB1909MC Datasheet HTML 2Page - Sanyo Semicon Device LB1909MC Datasheet HTML 3Page - Sanyo Semicon Device LB1909MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
32812 SY 2012322-S00003/31512 SY No.A2037-1/4
LB1909MC
Overview
The LB1909MC is a 2-channel low saturation voltage forward/reverse motor driver that can operate on a wide supply
voltage range (2.5V to 16V). The IC is ideal for use in 2-phase excitation drive of general-purpose 2-phase bipolar stepping
motors including dampers for refrigerators.
Features
• Wide supply voltage range : 2.5V to 16V
• Low saturation voltage : VO(sat) = 0.25V typ at IO = 200mA.
• Built-in shoot-through current protection circuit.
• No standby current consumption (or zero).
• Built-in thermal shutdown circuit.
• Small package : SOIC10
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power source voltage
VCC max
-0.3 to +20
V
Applied output voltage
VOUT max
-0.3 to +20
V
Applied input voltage
VIN max
-0.3 to +18
V
GND pin outflow current
IGND
800
mA
Allowable power consumption
Pd max
Mounted on the specified board *
820
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified board: 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
Stepping Motor Driver IC
Ordering number : ENA2037A


Similar Part No. - LB1909MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1909MC ONSEMI-LB1909MC Datasheet
63Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1909MC-BH ONSEMI-LB1909MC-BH Datasheet
63Kb / 4P
Stepping Motor Driver IC
June, 2013
More results

Similar Description - LB1909MC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
STEPPING MOTOR DRIVER IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
STEPPING MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
Monolithic Digital IC Stepping Motor Driver IC
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
Monolithic Digital IC Stepping Motor Driver IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
Monolithic Linear IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
Stepping Motor Driver IC
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
Stepping Motor Driver IC
2014-10-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com