Electronic Components Datasheet Search
  English  ▼

X  

LB1909MC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1909MC
Description  Monolithic Digital IC Stepping Motor Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1909MC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1909MC Datasheet HTML 1Page - Sanyo Semicon Device LB1909MC Datasheet HTML 2Page - Sanyo Semicon Device LB1909MC Datasheet HTML 3Page - Sanyo Semicon Device LB1909MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1909MC
No.A2037-2/4
Allowable Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 16
V
Input high level voltage
VIH
Pins ENA, IN1, IN2
1.8 to 10
V
Input low level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power source current
ICC0
ENA = L
0.1
10
μA
ICC1
ENA = H
25
35
mA
Output saturation voltage
VOUT1
IOUT = 200mA
0.25
0.35
V
VOUT2
IOUT = 400mA
0.50
0.75
V
Input current
IIN
VIN = 5V
120
160
μA
Thermal protection block *1
Thermal shutdown operation
temperature
Ttsd
Design guarantee *2
180
°C
Temperature hysteresis width
ΔTtsd
60
°C
Spark killer diode
Reverse current
IS(leak)
30
μA
orward voltage
VSF
IOUT = 400mA
1.7
V
*1 The thermal protection function is a feature to prevent the product from smoking and firing under unusual conditions. It is not intended to guarantee
operation of the product under an ambient temperature exceeding the operating temperature range.
*2 Design guarantee is not tested in individual units.
Package Dimensions
unit : mm (typ)
3426
SANYO : SOIC10
5.0
6
10
5
1
0.15
0.35
1.0
0
30
60
90
120
0
1.0
0.8
0.6
0.4
0.2
Pd max -- Ta
0.82
0.42
-30
Ambient temperature, Ta -- C
Specified board : 114.3
×76.1×1.6mm3
glass epoxy board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com