Electronic Components Datasheet Search
  English  ▼

X  

WS2259SP Datasheet(PDF) 8 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259SP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259SP Datasheet(HTML) 8 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Back Button WS2259SP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 10Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 11Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
8/11
WS2259
WS2259
WS2259
WS2259
Gate
Gate
Gate
Gate Driver
Driver
Driver
Driver
GATE pin of WS2259 is connected to the gate of an
external power switch. The gate drive strength which is
too weak leads to over switch loss of MOSFET while too
strong gate drive output compromises in the over EMI. A
good tradeoff between output strength and dead time
control is achieved through the design of the built-in totem
pole gate in WS2259. The low standby dissipation and
good EMI system design is easier to achieve through this
dedicated devise. For MOSFET gate protection, an
internal 13V clamp is added at higher than expected VCC
input.
Protection
Protection
Protection
Protection Controls
Controls
Controls
Controls
Good power supply system reliability is achieved with
auto-recovery
protection
features
including
Cycle-by-Cycle
current
limiting
(OCP),
Over
Load
Protection (OLP), Under Voltage Lockout on VDD (UVLO),
Over Temperature Protection (OTP), and VDD Over
Voltage Protection & VDD clamp.
Internal line voltage compensation of OCP help to achieve
constant output power limit over the universal input
voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com