Electronic Components Datasheet Search
  English  ▼

X  

WS2259SP Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259SP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259SP Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2259SP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259SP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.A Apr.2011
WS2259
WS2259
WS2259
WS2259
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Features
Features
Features
Features
■ Burst Mode function
■ Low startup current (4uA)
■ Low operation current (1.7mA)
■ Built in Leading edge blanking (LEB)
■ Built in Synchronous slope compensation
■ Current mode operates
■ External programmable switching frequency
■ Cycle by cycle Over Current Protection
■ over temperature protection(OTP)
■ Soft-start
■ VDD over voltage protection and clamp
■ under voltage lockout with hysteresis(UVLO)
■ Driver Output clamped(13V)
■ Soft-driver function for lower EMI
■ Frequency jitter
■ Constant output power limited
■ Over load protection(OLP)
■ Free audio noise operation
Applications
Applications
Applications
Applications
Universal switch power supply and offline AC/DC
flyback converter:
■ Battery Charger
■ Power Adaptor
■ Set-Top Box Power Supplies
■ Open-frame SMPS
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
General
General
General
General Description
Description
Description
Description
WS2259 which is optimized for high performance is a
highly integrated current mode PWM control IC. It is applied
for switch power of the small-sized and medium-sized for
example the power adaptor. For lower the standby power and
higher RoHS compliant, the IC has the Burst Mode function
and very low startup current and working current. At the
condition of no load or light load, the IC operates in extended
‘burst mode’ to minimize switching loss by lower the switching
frequency. The low startup current and low operating current
contribute to a reliable power on startup design with WS2259.
A large value resistor could thus be used in the startup circuit
to minimize the power consumption and improve the efficiency
of the power convert.
The internal synchronous slope compensation circuit
improves system large signal stability and reduces the
possible subharmonic oscillation at high PWM duty cycle
output. Leading-edge blanking on current sense(SENSE)
input removes the signal glitch due to snubber circuit diode
reverse recovery and thus greatly reduces the external
component count and system cost in the design.
WS2259 offers complete protection coverage with
automatic self-recovery feature including cycle by cycle over
current protection (OCP), over load protection (OLP), over
temperature protection (OTP), VDD Over Voltage Protection,
under voltage lockout (UVLO). The gate-driven output is
clamped to maximum 13V to protect the external MOSFET.
Excellent EMI performance is achieved by using the frequency
jitter and the soft-switching at the totem pole gate drive output.
The tone energy at below 20KHZ is minimized in the design
and audio noise is eliminated during operation. The IC can be
used as the best alternative products of the linear power
supply or the RCC-mode power to improve the whole
performance of the switch power system and lower the cost.
WS2259 is offered in SOT23-6, SOP-8 and DIP-8 packages.


Similar Part No. - WS2259SP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
WS2268SP WINSEMI-WS2268SP Datasheet
226Kb / 8P
Primary Side AC/DC Controller
WS2273 WINSEMI-WS2273 Datasheet
399Kb / 9P
2273 Current Mode PWM Controller
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
Switching Mode Power Supply PWM Controller
WS2295B WINSEMI-WS2295B Datasheet
415Kb / 9P
Switch Power Supply PWM Controller
More results

Similar Description - WS2259SP

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
Low current operation
SA36-11CGKWA KINGBRIGHT-SA36-11CGKWA Datasheet
372Kb / 6P
Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
Low current operation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
Low current operation
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
Low current operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com