Electronic Components Datasheet Search
  English  ▼

X  

SFF740 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SFF740
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFF740 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFF740 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S
S
S
SF
F
F
FF
F
F
F74
74
74
740
0
0
0
Rev.A Jun.2011
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
S
S
S
Siiiilllliiiic
c
c
co
o
o
on
n
n
n N
N
N
N----Ch
Ch
Ch
Cha
a
a
an
n
n
nn
n
n
nel
el
el
el M
M
M
MOS
OS
OS
OSF
F
F
FET
ET
ET
ET
Features
■ 10A,400V,RDS(on)(Max 0.55Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 60nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi's advancedplanar
stripe,VDMOS technology. This latest technology has beenespecially
designed to minimize on -state resistance,have a highrugged
avalanche characteristics. This devices is specially wellsuited for high
efficiency switch model power supplies, power factor correction and
half bridge and full bridge resonant topology line a electronic lamp
ballast.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
400
V
ID
Continuous Drain Current(@Tc=25℃)
10*
A
Continuous Drain Current(@Tc=100
℃)
6.3*
A
IDM
Drain Current Pulsed
(Note1)
40*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
450
mJ
EAR
Repetitive Avalanche Energy
(Note1)
13
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
44
W
Derating Factor above 25
℃
0.35
W/
℃
TJ,Tstg
Junction and Storage Temperature
-55~150
℃
TL
Maximum lead Temperature for soldering purposes
300
℃
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
2.86
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W


Similar Part No. - SFF740

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF7002KA2GW SSDI-SFF7002KA2GW Datasheet
177Kb / 2P
Dual Microminiature Package 300 mA 60 Volts 2 廓 Dual N-Channel Logic Level TrenchFET MOSFET
SFF70N04 SSDI-SFF70N04 Datasheet
29Kb / 2P
70 AMP / 40 VOLTS 0.010 OHM N-CHANNEL POWER MOSFET
SFF70N10C SSDI-SFF70N10C Datasheet
43Kb / 2P
70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
SFF70N10M SSDI-SFF70N10M Datasheet
46Kb / 2P
70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
SFF70N10Z SSDI-SFF70N10Z Datasheet
46Kb / 2P
70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
More results

Similar Description - SFF740

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com