Electronic Components Datasheet Search
  English  ▼

X  

KIA431AF Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA431AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AF Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA431AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2012. 3. 20
3/8
KIA431 Series
Revision No : 16
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
MAXIMUM RATINGS (Ta=25
℃)
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Input
Voltage
KIA431
Vref
Figure 1
VKA=Vref , IK=10mA
2.440
2.495
2.550
V
KIA431A
2.470
2.495
2.520
V
KIA431B
2.4825
2.495
2.5075
V
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
7.0
30
mV
Ratio of Change in Reference Input
Voltage to Change in Cathode to
Anode Voltage
ΔVref/
ΔVKA
Figure 2
IK=10mA
ΔVKA=
10V
~Vref
-
-1.4
-2.7
mV/V
ΔVKA=
36V
~10V
-
-1.0
-2.0
Reference Input Current
Ta=25
℃
Iref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
1.8
4.0
μA
Ta=Topr
-
-
6.5
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.8
2.5
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
0.5
1.0
mA
Off-State Cathode Current
Ioff
Figure 3
VKA=36V, Vref=0V
-
2.6
1000
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=1.0~100mA,
f
≦1.0kHz
-
0.22
-
Ω
Note1) Package mounted on 99.5% Alumina 10
×8×0.6mm
Note2) Package mounted on a ceramic board. (600
㎣×0.8㎜ )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
37
V
Cathode Current Range, Continuous
IK
-100
~150
mA
Reference Input Current Range, Continuous
Iref
-0.05
~10
mA
Operating Junction Temperature
Tj
150
℃
Operating Temperature
Topr
-40
~85
℃
Storage Temperature
Tstg
-65
~150
℃
Total Power Dissipation
KIA431
PD
700
mW
KIA431F
800
KIA431M
(Note1)
350
KIA431S
(Note2)
900
KIA431T
550



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com