Electronic Components Datasheet Search
  English  ▼

X  

KIA431AF Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA431AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431AF Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA431AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA431AF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2012. 3. 20
4/8
KIA431 Series
Revision No : 16
Input
FIGURE 1-TEST CIRCUIT FOR VKA = Vref
off
I
KA
V
Input
FIGURE 3-TEST CIRCUIT FOR I off
FIGURE 2-TEST CIRCUIT FOR VKA > Vref
IK
IK
VKA
VKA
Input
R1
R2
Iref
VKA = Vref ( 1+
) + Iref R1
R1
R2
Max.
Min.
T1
T2
AMBIENT TEMPERATURE
-
Vref (Min.)
Ta = T2 - T1
Vref
Vref
Vref
Vref = Vref (Max.)
Vref
Example :
ΔVref = 8.0mV and slope is positive,
Vref at 25℃=2.495V, ΔTa=70℃
0.008
×106
αVref =
= 45.8 ppm/
℃
70
×(2.495)
Note 2: The dynamic impedance Zka is defined as:
ΔVKA
|Zka| =
ΔIk
When the device is programmed with two external
resistors, R1 and R2, (refer to Figure 2) the total
dynamic impedance of the circuit is defined as:
R1
|Zka'| = |Zka| (1+
)
R2
Note 1:
The deviation parameter
ΔVref is defined as the differences
between the maximum and minimum values obtained over the
full operating ambient temperature range that applies.
The average temperature coefficient of the Reference
input voltage,
ΔVref , is defined as:
ΔVref
(
)
× 106
ppm
Vref at 25℃
αVref (
) =
℃ΔTa
ΔVref × 106
=
ΔTa(Vref at 25℃)
αVref can be positive or negative depending on whether
Vref Min. or Vref Max. occurs at the lower ambient temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com