Electronic Components Datasheet Search
  English  ▼

X  

KIB3402F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIB3402F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3402F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIB3402F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2006. 4. 20
3/6
KIB3402F
Revision No : 0
ELECTRICAL CHARACTERISTIC
(Topr=-40~85
, VCC=2.8~5.5V, RSENSE=16 , unless otherwise noted.)
CHARATERISTICS
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage
VCC
-
2.8
-
5.5
V
Supply Current
ICC
VCC = 3.6V, VCTL=3.6V
-
0.9
1.5
VCTL = 0V
-
0.5
1
Feedback Voltage
VFB
VCC=VCTL=3.0V, Topr = 25 , L =10 H
294
320
346
CTL Pin Bias Current
ICTL
VCC = 3.0V, VCTL = 3.0V
-
20
-
Switching Frequency
fOSC
VCTL = 3.0V
0.77
1.1
1.43
Switching Pin Current
IO(SW)
-
400
-
Switch RDS(ON)
RON
IO(SW)
400
-
0.7
1.5
Switch Leak Current
IOZ(SW)
-
-
0.5
1
OVD Pin Voltage
VOVD
-
16
20
22
V
OVD Pin Leak Current
IOZ(OVD)
-
-
0.5
1
Thermal Shutdown
TSD
-
-
150
180
Switching Pin OVP
VO(SW)
-
25
-
-
V
CTL pin voltage for Full LED Current
VCTL H
VCC = 3.0V
2.7
-
-
V
CTL pin voltage to shutdown Chip
VCTL L
-
-
0.5
V
Feedback Bias Current
IFB
-
-
0.5
1
Maximum Duty Cycle
Dmax
-
85
90
-
%
NO.
SYMBOL
FUNCTION AND CONNECTION.
1
CTL
Control pin : Shutdown or dimming control. Connect external enable or dimming circuits.
Shutdown mode (IF = 0) : VCTL<1.0V
Dimming control mode : (IF = 20% ~ 100%, depend on VCTL)
1.0V < VCTL < 2.5V, when VCTL is above 2.5V IF keep its maximum value(100%).
Filtered PWM signal, above 33us of pulse width, can be used for dimming control.
2
OVD
Over output voltage detect pin. Connect cathode of schottky diode and anode of highest LED.
3
SW
Switch pin. Connect inductor/diode here. Minimize trace area at this pin to reduce EMI.
4
FB
Feedback pin. Reference voltage is 320mV. Connect cathode of lowest LED and resistor here.
5
GND
Ground pin. Connect directly to local ground plane,
6
VCC
Input supply pin. Must be locally bypassed.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com