Electronic Components Datasheet Search
  English  ▼

X  

KIB3402F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIB3402F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3402F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIB3402F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2006. 4. 20
4/6
KIB3402F
Revision No : 0
APPLICATION INFORMATION
Inductor Selection
A 4.7 H inductor is sufficient for most application. The efficiency
comprison of different value inductors help you design your
application circuits.
Capacitor Selection
A 1
input capacitor and output capacitor above 1
are
sufficient for most KIB3402F application.
Diode Selection
For Diode Selection, both forward voltage drop and diode
capacitance need to be considered. Shottky diodes with higher
current ratings usually have lower forward voltage and larger diode
capacitance, which can cause significant switching losses. A
schottky diode rated at 100
to 200
is sufficient for most
KIB3402F applications.
Table 1. Recommended Schottky Diodes
LED Current Control
The LED current is controlled by the feedback resistor(RSENSE in
Figure 1). The feedback reference is 320
.
The LED current is 320
/RSENSE. The tolerance of LED Current is
depends on tolerance of RSENSE and feedback reference.
Open-Circuits Protection
In the case of output open circuit, when LEDs are disconnected
from the circuit or the LEDs fail, the feedback voltage will be zero.
The KIB3402F will then switch at a high duty cycle resulting in a
high output voltage, but Internal Over Voltage Protection Circuits
prevent output voltage ascending over OVD pin voltage( 16V ~ 22V
see Fig.4 ). This circuits is valid when driving up to 4 LEDs in
series. But, when driving more than 4 LEDs in series, Normal
output voltage could be over OVD pin voltage.
In this case, zener diode can be used to limit output voltage, but
check connection of OVD pin to VCC.(see Fig.5)
LOAD CURRENT (mA)
10
70.00
72.00
74.00
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
05
20
15
25
4.7uH
Vin=3.6V, 4LED
Inductor=Murata
10uH
Figure3. Efficiency Comaprison of different value inductors
Figure4. 4LEDs driver with Open-circuit protection.
Figure5. 6LEDs driver with Open-circuit protection.
0
GND
SW
L1
C1
C2
KIB3402F
D1
CTL
FB
OVD
LED1
LED2
LED3
LED4
0
GND
SW
L1
C1
C2
16
Ω
R1
KIB3402F
D1
CTL
FB
LED1
LED2
LED5
LED6
LED3
LED4
OVD
1
2
4
3
6
5
1
2
4
3
6
5
VCC
VCC
1 F
µ
4.7 H~10 H
µ
µ
4.7 H~10 H
µ
µ
1 F
µ
1 F
µ
1 F
µ
VIN
VIN
Dimming Control
There are 4 different type of dimming control circuits:
1. Using a DC Voltage to CTL pin.
Table 2 CTL pin Voltage vs ILED
Description
VCTL
UNIT
0V~0.5V
1V~2.5V VCTL>2.5V
Rate Of the LED Current
0
25 ~ 100
100
%
Example : RSENSE = 16
0
5 ~ 20
20
mA
Part No.
Reverse
Voltage (V)
Forward
Current (mA)
Voltage
Drop (V)
Package
KDR730E
30
200 mA
0.6V (max)
at 200 mA
1.60
1.20
KDR720E
30
200 mA
0.5V(max)
at 200 mA
1.60
1.20
KDR412
20
500 mA
0.5V(max)
at 500 mA
1.70
2.50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com