Electronic Components Datasheet Search
  English  ▼

X  

KTN2222AS Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTN2222AS
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2222AS Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTN2222AS Datasheet HTML 1Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 2Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 3Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 4Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1999. 5. 4
4/5
KTN2222S/AS
Revision No : 2
10
1
0.5
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
COLLECTOR CURRENT I
(mA)
C
f
- I
0.4
0.8
1.2
1.6
200
400
600
800
FE
C
30
50
100
300
500
1K
V
=10V
CE
TC
10
1
100
10
100
1k
3k
Ta=25 C
V
=10V
1000
CE
COMMON EMITTER
Ta=25 C
1.8
1000
I =2mA
B
3
10
30
100
300
1K
Ta=-25 C
Ta=25 C
Ta=75 C
100
0.5 1
0.6
0.4
0.2
0
10
330
V
- I
CE(sat)
C
1k
300
I /I =10
C
COLLECTOR CURRENT I
(mA)
C
VCE(sat)
COMMON EMITTER
B
COLLECTOR CURRENT I
(mA)
3
0.2
0.5
1
0
10
30
100
C
1k
300
0.4
I /I =10
COMMON EMITTER
V
- I
BE(sat)
C B
C
0.6
0.8
1.0
1.2
1.4
1.6
VBE(sat)
Ta=-25 C
Ta=25 C
Ta=75 C
0.2
0.05
BASE-EMITTER VOLTAGE V
(V)
BE
0.3
0.4
0.5
0.6
0.1
0.3
1
3
10
30
100
300
500
0.7
0.8
0.9
1.0
I
- V
CBE
Ta=75 C
Ta=-25 C
COMMON EMITTER
V
=10V
CE
6mA
4mA
8mA
10mA
12mA
14mA
16mA
18mA
20mA
V
=1V
CE
V
=2V
CE
Ta=25 C
30
300
330
300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com