Electronic Components Datasheet Search
  English  ▼

X  

KTN2222AS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTN2222AS
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2222AS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTN2222AS Datasheet HTML 1Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 2Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 3Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 4Page - KEC(Korea Electronics) KTN2222AS Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1999. 5. 4
1/5
SEMICONDUCTOR
TECHNICAL DATA
KTN2222S/AS
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Low Leakage Current
: ICEX=10nA(Max.) ; VCE=60V, VEB(OFF)=3V.
・Low Saturation Voltage
: VCE(sat)=0.3V(Max.) ; IC=150mA, IB=15mA.
・Complementary to the KTN2907S/2907AS.
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
MAXIMUM RATING (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
KTN2222S KTN2222AS
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
30
40
V
Emitter-Base Voltage
VEBO
5
6
V
Collector Current
IC
600
mA
Collector Power Dissipation
(Ta=25
℃)
PC
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Note : PC* : Package Mounted on 99.5% alumina 10×8×0.6mm.
MARK SPEC
Type Name
Marking
Lot No.
ZB
Type Name
Lot No.
ZG
TYPE
MARK
KTN2222S
Z B
KTN2222AS
Z G


Similar Part No. - KTN2222AS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2222AS KEC-KTN2222AS Datasheet
477Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222AS KEC-KTN2222AS Datasheet
21Kb / 1P
SOT-23 PACKAGE
KTN2222AS KEC-KTN2222AS_05 Datasheet
21Kb / 1P
SOT-23 PACKAGE
More results

Similar Description - KTN2222AS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com