Electronic Components Datasheet Search
  English  ▼

X  

M539 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M539
Description  Drivers for GaAs FET MMIC Switches and Digital Attenuators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M539 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M539 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M539 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M539 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Drivers for GaAs FET MMIC Switches and Digital Attenuators
Rev. V3
Application Note
M539
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
2
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Figure 1. Driver Block Diagram
This effect can be minimized by increasing the gate
voltage. With higher gate voltage, the incident RF
voltage needs to be at a higher level to cause the
same resistance modulation.
The gate voltage
level affects performance in two regards.
First, if the RF signal level is high enough to cause
the resistance to modulate, the insertion loss of the
MMIC may increase, a condition known as com-
pression. The common measurement of this phe-
nomenon is the 1-dB compression point. This is a
measure of the power level where the loss of the
device increases by 1 dB from the low power loss
levels. If the gate voltage increases, the incident
RF power must be higher to cause compression.
The net result is an increase in the 1-dB compres-
sion point, allowing the device to operate at higher
input power levels.
The voltage that biases the
gate, shown as VEE in the block diagram, is adjust-
able from -5 V to -8 V and appears directly at the
gate of the GaAs FET.
The second impact occurs in the intermodulation
performance.
The modulation described above
causes the FET to become more non-linear as the
resistance of the GaAs FET acquires a time vary-
ing component.
Modulation increases the distor-
tion of the GaAs FET, degrading the harmonic and
intermodulation performance. Increasing the gate
voltage minimizes the modulation effect for a given
power level.
Since the GaAs FET is a voltage variable resis-
tance from 0 V to pinch-off, it follows that the same
modulation effect may occur at the 0-V bias level.
M/A-COM has found that if a GaAs FET is biased
slightly positive, this effect is minimized.
In this
case, the resistance of the GaAs FET may in-
crease during the negative portion of the incident
RF signal. A small positive offset minimizes this,
improving the intermodulation performance.
The
voltage is referred to in these switch drivers as
VOPT. The drivers will accommodate this voltage
being varied from 0 V to +2 V to optimize inter-
modulation performance.
Output Buffer
The final section of the driver is an output buffer
that occurs after the voltage translation and is com-
posed of successively larger buffer stages.
A
GaAs FET MMIC control component usually con-
sists of several FETs with the gates of multiple de-
vices tied together. Since each device has finite
isolation, tying the gates together presents a cross-
talk isolation concern. The standard technique to
minimize this is to add capacitance to ground on
the control lines, shunting any RF energy on the
control lines to ground. The buffering stages are
designed to allow the driver to drive a load capaci-
tance up to 25 pF.
Performance
For guaranteed maximum ratings and performance
over temperature, please refer to the SWD-109 and
SWD-119 datasheet.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com