Electronic Components Datasheet Search
  English  ▼

X  

M539 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M539
Description  Drivers for GaAs FET MMIC Switches and Digital Attenuators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M539 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M539 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M539 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M539 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Drivers for GaAs FET MMIC Switches and Digital Attenuators
Rev. V3
Application Note
M539
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
3
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Additional Notes
1.
To achieve the fastest switching performance,
the GaAs FET MMIC die should be floated at a
potential of +5 V.
2.
VOPT of 1.4 V can be derived from a circuit con-
sisting of a resistor from the +5 volt supply to a
pair of diodes mounted to ground (see Fig. 2).
3.
The single-channel driver (SWD-109) is avail-
able in an SOIC 8-lead plastic package. The
quad-channel driver (SWD-119) is available in
an SOIC 16-lead plastic package.
4.
The SWD-109 is supplied with two ground pins
(Pin 2 and 7). Only one of the two pins need to
be grounded.
5.
If VOPT is not required, the pin should be
grounded.
Summary
M/A-COM Microelectronics Division has introduced
a silicon CMOS ASIC driver for GaAs FET MMIC
control devices. This driver is designed to operate
with TTL or CMOS input logic levels, without the
need for any external components.
The ASIC
driver requires positive (+5 V) and negative (-5 V to
-8 V) voltages for operation.
A third voltage
(VOPR) can be supplied to improve the low fre-
quency performance of GaAs FET MMIC control
devices.
Figure 2. SWD-109 Single-Channel
Driver and SW-338 GaAs MMIC Switch
TTL Input
C1
A
B
Logic 0
VEE
VOPT
Logic 1
VOPT
VEE
Outputs
Control Inputs
A
B
RF1
RF2
1 (VEE)
0 (VOPT)
On
Off
0 (VOPT)
1 (VEE)
Off
On
RF Common to:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com