Electronic Components Datasheet Search
  English  ▼

X  

M570 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M570
Description  Bonding, Handling, and Mounting Procedures for Millimeterwave PHEMT MMIC?셲
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M570 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M570 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M570 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M570 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M570 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bonding, Handling, and Mounting Procedures for
Millimeterwave PHEMT MMIC’s
M/A-COM Products
Rev. V4
Application Note
M570
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Curing of the epoxy should follow the manufacturer’s
recommended schedule. They epoxy must be cured in
air or oxidizing atmosphere since the reaction requires
oxygen.
The epoxy oven should be clean and have
good air flow. The epoxy will not cure well if there are
other solvent fumes in the atmosphere.
The carrier fluid must not be allowed to flow on the top of
the chip. Not only will it make the chip un-bondable, it
will be almost impossible to detect under normal bonding
procedure.
If a vacuum tip is used to put the chip in
place, remove the vacuum when the chip is 10 mils from
the epoxy. Static charge will hold the chip to the tip. If
the vacuum tip touches the epoxy, it will become coated
with the epoxy carrier fluid and contaminate the next
chip.
This same problem may occur with the use of
tweezers. The tweezers should be cleaned before pick-
ing up another chip if they touch the epoxy.
The shear bond strength of a good epoxy joint can ap-
proach that of solder 50-100 kgms/cm2. The thickness
of the conductive epoxy should be kept at 0.001” or less.
The shear bond strength should be about:
40-60 grams for 0.010 x 0.010 inch chip
150-250 grams for 0.020 x 0.020 inch chip
350-500 grams for 0.030 x 0.030 inch chip
In general, the epoxy will shear before the chip breaks.
Weak bonds are usually caused by the use of old epoxy,
bonds that are too thick, or lack of cleanliness.
Visual Inspection
Die down bonds should be checked with a 5-15X micro-
scope and should meet the visual criteria shown in Table
2.
Top Contacting Methods
The usual criteria for choosing a specific top bonding
technique are the size of the top contact of the chip, the
type of chip, the sensitivity of the chip to temperature
and pressure, the type of circuit board, and the equip-
ment available. Usually, the simplest contacts are a gold
0.0007 to 0.001 inch diameter wedge bonded gold wire.
The inductance of a 1 mil diameter wire will be ~0.5 nH
for a 0.20 inch long lead.
This inductance can be re-
duced considerably by using multiple contact wires.
It is very difficult to give definite parameter values of
force pressure time and temperature for an optimum
bonding schedule. Different wire, bonding surfaces, or
die characteristics require different bonding conditions.
GaAs is very brittle and extra care should be taken when
wire bonding. In general, the bonding parameters should
be adjusted to maximize reproducibility at a high bond
pull strength.
Die Down Method
Visual
(Good Bond Criteria)
Typical Bond Strength
(In Stress)
Extra RS1 From Die Down
(0.020” Chip)
Conductive Epoxy
Flat, maximum epoxy thickness
approx. 0.001 inch 90% min. wetting
Approx. 50-100 kgms/cm2
Less than 0.1 ohms
Soft Solder
Flat, maximum epoxy thickness
approx. 0.001 inch 90% min. wetting
Approx. 70-100 kgms/cm2
Less than 0.1 ohms
Gold-tin Eutectic Solder
Flat, maximum epoxy thickness
approx. 0.001 inch 90% min. wetting
Approx. 100-150 kgms/cm2
Less than 0.1 ohms
1. This is the approximate extra RF series resistance from an ideal lossless bond of a 0.020” x 0.020” chip.
Table 2. Visual Inspection for Good Die-Down Bonds (Using a 5-15x Microscope)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com