Electronic Components Datasheet Search
  English  ▼

X  

SC220 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 5 Page - Semtech Corporation

  SC220 Datasheet HTML 1Page - Semtech Corporation SC220 Datasheet HTML 2Page - Semtech Corporation SC220 Datasheet HTML 3Page - Semtech Corporation SC220 Datasheet HTML 4Page - Semtech Corporation SC220 Datasheet HTML 5Page - Semtech Corporation SC220 Datasheet HTML 6Page - Semtech Corporation SC220 Datasheet HTML 7Page - Semtech Corporation SC220 Datasheet HTML 8Page - Semtech Corporation SC220 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SC220
Pin Descriptions
Pin #
Pin Name
Pin Function
1
SW
Switching output node — connect to the output LC filter.
2
PVIN
Power input supply voltage (2.7V to 5.5V).
3
VOUT
Input for sensing the output of LC filter.
4FB
Input for regulation of output LC filter — Using R
1
and R
2
to set the output voltage, V
OUT
= V
FB
x (1+ R
1
/R
2
). (Please refer
to the typical application circuit diagram on page 1).
5EN
Enable Input — when low, circuit draws <1μA. Apply a square wave clock at EN to synchronize the switching frequency
with an external clock. It is recommended that the externally applied clock frequency should not be above 20MHz.
6AVIN
Input supply voltage.
7
AGND
Analog ground.
8
PGND
Power ground.
Block Diagram
SW
PG N D
EN
AVIN
PVIN
FB
6
AG N D
8
4
1
7
3
2
5
VO U T
CLIM
C om pens ator
C ontrol Logic
ZC D
+
-
1.0V
+
-
Frequenc y
Control
Soft-S tart
Therm al
S hutdow n
RE F
1.0V
OS C
20 M H z
Driv er
E x ternal Freq .
S y nc hroniz ation
Com p
E rror
Am p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com