Electronic Components Datasheet Search
  English  ▼

X  

SC220 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC220 Datasheet HTML 6Page - Semtech Corporation SC220 Datasheet HTML 7Page - Semtech Corporation SC220 Datasheet HTML 8Page - Semtech Corporation SC220 Datasheet HTML 9Page - Semtech Corporation SC220 Datasheet HTML 10Page - Semtech Corporation SC220 Datasheet HTML 11Page - Semtech Corporation SC220 Datasheet HTML 12Page - Semtech Corporation SC220 Datasheet HTML 13Page - Semtech Corporation SC220 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SC220
dition. When the current flowing through the high-side
PMOS switch exceeds the current limit, the PMOS switch
is turned off. The high-side switch is then held off for a
period sufficient to allow inductor current to decay. When
the output voltage is close to the nominal regulation
point, this will look similar to constant current limiting. As
the output voltage falls, the imposed off-time is such that
the frequency will drop, thus the inductor will have appro-
priate time to reset. This may cause the average current to
reduce, giving a mild ‘fold-back’ characteristic to the
current limit, where the average load current drops as the
output voltage collapses (although the peak current
maintains its nominal value). In a short-circuit condition,
the system runs continuously at this reduced frequency.
Load Transient Response
The SC220 features excellent regulation during line and
load transients. This is due to the nature of the proprietary
control method and the high di/dt allowed by the use of a
small inductor. This allows for best performance while
providing the benefit of using a small low cost output
capacitor. V
OUT
shows only tens of millivolts of ripple
voltage during a load current step change from less than
1mA to 650mA within hundreds of nanoseconds, using
typical a 1μF output capacitor. (See the typical perfor-
mance curves on page 7).
X-EMI™ Inductor Technology
The SC220 is the industry’s first buck regulator that enables
designers to draw their own inductors directly on the PC
board. This patented technology is called X-EMI™ inductor
technology and is different from conventional PCB trace
inductors. Conventional PCB trace inductors can be used
with high-frequency switchers, but they exhibit significant
EMI issues. X-EMI™ inductor technology solves these EMI
problems and can meet or exceed the EMI performance of
conventional chip inductors.
X-EMITM technology works by placing two small air-core
inductors adjacent to each other in anti-phase position,
where the magnetic fields of each air-core inductor par-
tially cancel one another to reduce EMI. The net flux from
the two inductors, partially cancels the wide leakage paths
caused by the wide geometry, but is still able to store the
energy of the inductors in series. This approach uses mul-
tiple air core inductors implemented using printed circuit
traces. Because these traces may be located on internal
layers of the PCB, inductors can be designed with almost
no impact on the available PCB area for components on
the surface of the board. (See the efficiency curves using
X-EMI™ inductor technology on page 6).
External Components
The input and output capacitors used for the operation of
the SC220 should be multilayer ceramic capacitors, prefer-
ably with X7R or X5R dielectric. The SC220 is optimized to
operate with typical 1μF input and output capacitance. In
practice, the self-resonant frequency of surface mount
capacitors of this type is well below the 20MHz ripple fre-
quency, so efforts to minimize output ripple may best be
focused on minimizing the inductance of the output
capacitor and the length of the circuit path to ground
rather than on increasing the capacitance value of the
output capacitor.
The inductor should be a high current inductor rated for
currents at least up to 1A. Typical power inductors may be
too lossy at 20MHz unless specifically designed for high
frequency operation. For inductor value of 220nH, it may
be preferred to use wire-wound RF chokes, many of which
are rated for appropriate currents.
Some Recommended External Components
Value
Manufacturer
Part Number
Package
L
0.22μH
Coilcraft
XFL2005-221ME
2x2mm
0.24μH
Coilcraft
0603LS-241XJL
0603
C
IN
1μF
Murata
GRM155R61C105KA12
0402
C
OUT
1μF
Murata
GRM155R61C105KA12
0402
Applications Information (Cont.)
Figure 1. Top view of an evaluation board with X-EMI inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com