Electronic Components Datasheet Search
  English  ▼

X  

SC284 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC284
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284 Datasheet(HTML) 4 Page - Semtech Corporation

  SC284 Datasheet HTML 1Page - Semtech Corporation SC284 Datasheet HTML 2Page - Semtech Corporation SC284 Datasheet HTML 3Page - Semtech Corporation SC284 Datasheet HTML 4Page - Semtech Corporation SC284 Datasheet HTML 5Page - Semtech Corporation SC284 Datasheet HTML 6Page - Semtech Corporation SC284 Datasheet HTML 7Page - Semtech Corporation SC284 Datasheet HTML 8Page - Semtech Corporation SC284 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SC284
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Foldback Holding Current
I
CL_HOLD
Average LX Current, VOUT=.5V
240
mA
Average LX Current, VOUT=3.3V
30
mA
CTLx Input Current(2)
I
CTL_
Channel A & B; CTL
0-3=VIN or GND
-2.0
2.0
µA
CTLx Input High Threshold
V
CTLx_HI
Channel A & B
.2
V
CTLx Input Low Threshold
V
CTLx_LO
Channel A & B
0.4
V
V
OUT Over Voltage Protection
V
OVP
Channel A & B
5
%
Thermal Shutdown Temperature
T
SD
Channel A & B(3)
60
°C
Thermal Shutdown Hysteresis
T
SD_HYS
Channel A & B(3)
0
°C
Electrical Characteristics (continued)
Notes:
() The “Output Voltage Tolerance” includes output voltage accuracy, voltage drift over temperature and the line regulation.
(2) The negative current means the current flows into the pin and the positive current means the current flows out from the pin.
(3) The thermal shutdown for both Channel A and B is independent from each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com