Electronic Components Datasheet Search
  English  ▼

X  

SC284 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC284
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC284 Datasheet HTML 6Page - Semtech Corporation SC284 Datasheet HTML 7Page - Semtech Corporation SC284 Datasheet HTML 8Page - Semtech Corporation SC284 Datasheet HTML 9Page - Semtech Corporation SC284 Datasheet HTML 10Page - Semtech Corporation SC284 Datasheet HTML 11Page - Semtech Corporation SC284 Datasheet HTML 12Page - Semtech Corporation SC284 Datasheet HTML 13Page - Semtech Corporation SC284 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
0
SC284
Pin Descriptions
Pin #
Pin Name
Pin Function

PVINA
Channel A — Input supply voltage for the converter power stage and internal circuitry.
2
AGNDA
Ground connection for internal circuitry — connect directly to PGNDA.
3
AVINA
Power supply for internal circuitry — Must be connected to PVINA using an R-C filter of Ω and 0nF.
4
CTL0A
Channel A — Control bit 0, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
5
CTLA
Channel A — Control bit , see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
6
CTL2A
Channel A — Control bit 2, see Table  for decoding. This pin has a  MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
7
CTL3A
Channel A — Control bit 3, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
8
VOUTB
Output voltage sense pin of Channel B
9
PGNDB
Channel B — Ground connection for converter power stage and internal circuitry.
0
LXB
Switching node of Channel B — connect an inductor between this pin and the output capacitor.

PVINB
Channel B — Input supply voltage for the converter power stage and internal circuitry.
2
AGNDB
Ground connection for internal circuitry — connect directly to PGNDB.
3
AVINB
Power supply for internal circuitry — Must be connected to PVINB using an R-C filter of Ω and 0nF.
4
CTL0B
Channel B — Control bit 0, see Table  for decoding. This pin has a  MΩ internal pulld-own resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
5
CTLB
Channel B — Control bit  - see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This
resistor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is
in under-voltage lockout.
6
CTL2B
Channel B — Control bit 2, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
7
CTL3B
Channel B — Control bit 3, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
8
VOUTA
Output voltage sense pin of Channel A
9
PGNDA
Channel A — Ground connection for converter power stage and internal circuitry.
20
LXA
Switching node of Channel A — connect an inductor between this pin and the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com