Electronic Components Datasheet Search
  English  ▼

X  

SC401B Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 5Page - Semtech Corporation SC401B Datasheet HTML 6Page - Semtech Corporation SC401B Datasheet HTML 7Page - Semtech Corporation SC401B Datasheet HTML 8Page - Semtech Corporation SC401B Datasheet HTML 9Page - Semtech Corporation SC401B Datasheet HTML 10Page - Semtech Corporation SC401B Datasheet HTML 11Page - Semtech Corporation SC401B Datasheet HTML 12Page - Semtech Corporation SC401B Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SC401B
9
Typical Characteristics
Efficiency/Power Loss vs. Load — PSAVE
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 5V
VIN = 5V
VIN = 17V
VIN = 17V
PLOSS
Efficiency
VIN = 12V
VIN = 12V
Characteristics in this section are based on using the Typical Application Circuit on page 8.
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15
IOUT (A)
-0.0250
0.0075
0.0400
0.0725
0.1050
0.1375
0.1700
0.2025
0.2350
0.2675
0.3000
FCM minus PSM
FCM
PSAVE
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
-0.0500
-0.0175
0.0150
0.0475
0.0800
0.1125
0.1450
0.1775
0.2100
0.2425
0.2750
FCM minus PSM
FCM
PSAVE
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 17V
VIN = 17V
VIN = 5V
VIN = 5V
VIN = 12V
VIN = 12V
PLOSS
Efficiency
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 5V
VIN = 5V
VIN = 17V
VIN = 17V
PLOSS
Efficiency
VIN = 12V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
3.3V Bias
5V Bias
3.3V minus 5V
Efficiency/Power Loss vs. Load — PSAVE
Efficiency/Power Loss vs. Load — FCM
Efficiency/Power Loss — PSAVE vs. FCM
Efficiency/Power Loss — PSAVE vs. FCM
Efficiency/Power Loss — PSAVE
VDD = 3.3V, V
OUT = 1.5V
VDD = 5V, V
OUT = 1.5V
VDD = 5V, V
OUT = 1.5V
VDD = 3.3V, V
OUT = 1.5V, VIN = 12V
VDD = 5V, V
OUT = 1.5V, VIN = 12V
V
OUT = 1.5V, VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com