Electronic Components Datasheet Search
  English  ▼

X  

SC401B Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 22Page - Semtech Corporation SC401B Datasheet HTML 23Page - Semtech Corporation SC401B Datasheet HTML 24Page - Semtech Corporation SC401B Datasheet HTML 25Page - Semtech Corporation SC401B Datasheet HTML 26Page - Semtech Corporation SC401B Datasheet HTML 27Page - Semtech Corporation SC401B Datasheet HTML 28Page - Semtech Corporation SC401B Datasheet HTML 29Page - Semtech Corporation SC401B Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SC401B
26
Applications Information (continued)
When the system is using ceramic output capacitors, the
ESR value is normally too small to meet the above ESR cri-
teria. As a result, the feedback voltage ripple is 180
degrees from the phase node and behaves in an unstable
manner. In this application it is necessary to add a small
virtual ESR network that is composed of two capacitors
and one resistor, as shown in Figure 13.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
D x VIN
+-
VL
Figure 13 — Virtual ESR Ramp Circuit
The ripple voltage at FB is a superposition of two voltage
sources: the voltage across C
L and the output ripple
voltage. They are defined in the following equations.
1
C
R
S
)
1
DCR
/
L
s
(
DCR
I
Vc
L
L
L
L
SW
L
OUT
f
C
8
I
V
Figure 14 shows the magnitude of the ripple contribution
due to C
L at the FB pin.
R1
R2
FB
pin
CC
L
CL
RL
DCR
D x VIN
+-
VL
Figure 14 — FB Voltage by CL Voltage
It is shown by the following equation.
1
C
S
R
//
R
C
S
R
//
R
Vc
VFBc
C
2
1
C
2
1
L
L
Figure 15 shows the magnitude of the ripple contribution
due to the output voltage ripple at the FB pin.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
VL
VOUT
R1
R2
VOUT
CC
FB
pin
COUT
Figure 15 — FB Voltage by Output Voltage
It is shown by the following equation.
2
C
1
2
OUT
OUT
R
C
S
1
//
R
R
V
V
VFB
The purpose of this network is to couple the inductor
current ripple information into the feedback voltage such
that the feedback voltage has 90 degrees phase lag to the
switching node similar to the case of using standard high
ESR capacitors. This is illustrated in Figure 16.
VOUT
LX
IL
FB contribution
by CL
FB contribution by
output voltage ripple
Combined FB
Figure 16 — FB voltage in Phasor Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com