Electronic Components Datasheet Search
  English  ▼

X  

HZM11N Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZM11N
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM11N Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZM11N Datasheet HTML 1Page - Renesas Technology Corp HZM11N Datasheet HTML 2Page - Renesas Technology Corp HZM11N Datasheet HTML 3Page - Renesas Technology Corp HZM11N Datasheet HTML 4Page - Renesas Technology Corp HZM11N Datasheet HTML 5Page - Renesas Technology Corp HZM11N Datasheet HTML 6Page - Renesas Technology Corp HZM11N Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0358EJ0600 Rev.6.00
Page 1 of 6
May 19, 2011
Preliminary Datasheet
HZM-N Series
Silicon Epitaxial Planar Zener Diode for Stabilizer
Features
 Wide spectrum from 1.9 V through 38 V of zener voltage provide flexible application.
 MPAK Package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Part No
Laser Mark
Package Name
Package Code
Taping Abbreviation
(Quantity)
HZM-N Series TL
HZM-N Series TR
Let to Mark Code
MPAK
PLSP0003ZC-A
TL (3,000pcs / reel)
TR (3,000pcs / reel)
Pin Arrangement
1. NC
2. Anode
3. Cathode
(Top View)
2
1
3
R07DS0358EJ0600
Rev.6.00
May 19, 2011


Similar Part No. - HZM11N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM11N RENESAS-HZM11N Datasheet
193Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZM11N RENESAS-HZM11N Datasheet
193Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM11N HITACHI-HZM11N Datasheet
37Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM11N RENESAS-HZM11N Datasheet
210Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM11NB RENESAS-HZM11NB Datasheet
193Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
More results

Similar Description - HZM11N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM18NB2 RENESAS-HZM18NB2 Datasheet
193Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZM-N RENESAS-HZM-N Datasheet
193Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
Silicon Planar Zener Diode for Stabilizer
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com