Electronic Components Datasheet Search
  English  ▼

X  

HZM11N Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HZM11N
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM11N Datasheet(HTML) 3 Page - Renesas Technology Corp

  HZM11N Datasheet HTML 1Page - Renesas Technology Corp HZM11N Datasheet HTML 2Page - Renesas Technology Corp HZM11N Datasheet HTML 3Page - Renesas Technology Corp HZM11N Datasheet HTML 4Page - Renesas Technology Corp HZM11N Datasheet HTML 5Page - Renesas Technology Corp HZM11N Datasheet HTML 6Page - Renesas Technology Corp HZM11N Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HZM-N Series
Preliminary
R07DS0358EJ0600 Rev.6.00
Page 3 of 6
May 19, 2011
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (A)
Test
Condition
rd ()
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B1
7.76
8.10
B2
8.02
8.36
HZM8.2N
B3
8.28
8.64
5
2
5.0
30
5
B1
8.56
8.93
B2
8.85
9.23
HZM9.1N
B3
9.15
9.55
5
2
6.0
30
5
B1
9.45
9.87
B2
9.77
10.21
HZM10N
B3
10.11
10.55
5
2
7.0
30
5
B1
10.44
10.88
B2
10.76
11.22
HZM11N
B3
11.10
11.56
5
2
8.0
30
5
B1
11.42
11.90
B2
11.74
12.24
HZM12N
B3
12.08
12.60
5
2
9.0
35
5
B1
12.47
13.03
B2
12.91
13.49
HZM13N
B3
13.37
13.96
5
2
10.0
35
5
B1
13.84
14.46
B2
14.34
14.98
HZM15N
B3
14.85
15.52
5
2
11.0
40
5
B1
15.37
16.01
B2
15.85
16.51
HZM16N
B3
16.35
17.09
5
2
12.0
40
5
B1
16.94
17.70
B2
17.56
18.35
HZM18N
B3
18.21
19.03
5
2
13.0
45
5
B1
18.86
19.70
B2
19.52
20.39
HZM20N
B3
20.21
21.08
5
2
15.0
50
5
B1
20.88
21.77
B2
21.54
22.47
HZM22N
B3
22.23
23.17
5
2
17.0
55
5
B1
22.93
23.96
B2
23.72
24.78
HZM24N
B3
24.54
25.57
5
2
19.0
60
5
HZM27N
B
25.10
28.90
2
2
21.0
70
2
HZM30N
B
28.00
32.00
2
2
23.0
80
2
HZM33N
B
31.00
35.00
2
2
25.0
80
2
HZM36N
B
34.00
38.00
2
2
27.0
90
2
Note:
1. Tested with pulse (PW = 40 ms)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com