Electronic Components Datasheet Search
  English  ▼

X  

SY89321L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89321L
Description  3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89321L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89321L Datasheet HTML 1Page - Micrel Semiconductor SY89321L Datasheet HTML 2Page - Micrel Semiconductor SY89321L Datasheet HTML 3Page - Micrel Semiconductor SY89321L Datasheet HTML 4Page - Micrel Semiconductor SY89321L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Precision Edge®
SY89321L
Micrel, Inc.
M9999-060208
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1,6
NC
No connection.
2
IN
100K LVPECL/
Differential PECL/CML/LVDS Input: Internal 75k
Ω pull-down resistor. If left
CML/LVDS
open, piN defaults LOW. Q output will be LOW. See “Input Interface
Input
Applications” section for CML, LVDS and single-ended inputs.
3
/IN
100K LVPECL/
Differential PECL/CML/LVDS Input: Internal 75k
Ω pull-up and pull-down
CML/LVDS
resistors. If left floating, pin defaults to VCC/2. When not used, this input can
Input
be left open. See “Input Interface Applications” section for CML, LVDS and
single-ended inputs.
4
VBB
Reference
Bias Reference Voltage: VCC–1.3V. Used as reference voltage for single-
Voltage Output
ended inputs or AC-coupling to the IN, /IN inputs. Limit sink / source
≤ 0.5mA.
5
GND,
Ground
GND and Exposed pad must be tied to ground plane.
Exposed Pad
7
Q
LVTTL Output
Single-ended LVTTL Output: Defaults to LOW if IN inputs left open.
8
VCC
Positive
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Power Supply
PACKAGE/ORDERING INFORMATION
NC
IN
/IN
LVTTL
VBB
VCC
Q
NC
LVPECL/CML/LVDS
GND
1
2
3
4
8
7
6
5
8-Pin MLF®
Ultra-Small Outline (2mm x 2mm)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89321LMITR
MLF-8
Industrial
321
Sn-Pb
SY89321LMGTR(1)
MLF-8
Industrial
321 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com