Electronic Components Datasheet Search
  English  ▼

X  

SY88913 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88913
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88913 Datasheet HTML 1Page - Micrel Semiconductor SY88913 Datasheet HTML 2Page - Micrel Semiconductor SY88913 Datasheet HTML 3Page - Micrel Semiconductor SY88913 Datasheet HTML 4Page - Micrel Semiconductor SY88913 Datasheet HTML 5Page - Micrel Semiconductor SY88913 Datasheet HTML 6Page - Micrel Semiconductor SY88913 Datasheet HTML 7Page - Micrel Semiconductor SY88913 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88913
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
DIN, /DIN
Input Voltage
0 to VCC
V
DOUT, /DOUT, /LOS
Output Voltage (with 50Ω load)
V
CC –2.5, VCC +0.3
V
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
ICC
Power Supply Current(1)
—35
—
35
—
2135
—
35
mA
IIL
/EN Input LOW Current
–0.3(5)
—
–0.3(5)
—
–0.3(5)
——
–0.3(5)
—mA
I
IH
/EN Input HIGH Current
—
20(2)
—20(2)
——
20(2)
—20(2)
µA
—
100(3)
—
100(3)
——
100(3)
—
100(3)
VCMR
Common Mode Range
GND +2.0 VCC–1.0 GND +2.0 VCC–1.0 GND +2.0
—
VCC–1.0 GND +2.0 VCC–1.0
V
Voffset
Differential Output Offset
—
±100
—
±100
—
—
±100
—
±100
mV
LOSLVL
LOSLVL Level
VREF
VCC
VREF
VCC
VREF
—VCC
VREF
VCC
V
V
OH
DOUT and /DOUT
V
CC–1085
V
CC–880
V
CC–1025 VCC–880
V
CC–1025
V
CC–955
V
CC–880
V
CC–1025
V
CC–880
mV
HIGH Output
V
OL
DOUT and /DOUT
V
CC–1830 VCC–1555 VCC–1810 VCC–1620 VCC–1810 VCC–1705 VCC–1620 VCC–1810
V
CC–1620
mV
LOW Output
VREF
Reference Supply(4)
V
CC–2.625 VCC–2.325 VCC–2.625 VCC–2.325 VCC–2.625 VCC–2.475 VCC–2.325 VCC–2.625 VCC–2.325
V
VIH
/EN Input HIGH Voltage
2.0
—
2.0
—
2.0
—
—
2.0
—
V
VIL
/EN Input LOW Voltage
—
0.8
—
0.8
—
—
0.8
—
0.8
V
Notes:
1. No output load.
2. V
IN = 2.7V.
3. V
IN = VCC.
4. I
REF must be limited to be within –0.8mA (source) and 0.5mA (sink).
5. V
IN = 0.5V.
DC ELECTRICAL CHARACTERISTICS
V
CC = +5V ±10%, RLOAD = 50Ω to VCC–2V, TA = –40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com