Electronic Components Datasheet Search
  English  ▼

X  

SY88913 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88913
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88913 Datasheet HTML 1Page - Micrel Semiconductor SY88913 Datasheet HTML 2Page - Micrel Semiconductor SY88913 Datasheet HTML 3Page - Micrel Semiconductor SY88913 Datasheet HTML 4Page - Micrel Semiconductor SY88913 Datasheet HTML 5Page - Micrel Semiconductor SY88913 Datasheet HTML 6Page - Micrel Semiconductor SY88913 Datasheet HTML 7Page - Micrel Semiconductor SY88913 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88913
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
——
——
—35
———
dB
Input referred,
Rejection Ratio
55MHz
VID
Input Voltage Range
5
1800
5
1800
5
—
1800
5
1800
mV
PP
t
r, tf
Output Rise/Fall Time
—
350
—
350
—
200
350
—
350
ps
V
ID > 100mVPP
——
——
—
trin,tfin
—
—
—
V
ID < 100mVPP
VOD
Differential Output
—
—
—
—
—
600
—
—
—
mV
V
ID = 15mVPP
Voltage Swing(2)
——
—
—
—
200
———
mV
V
ID = 5mVPP
t
OFFL
/LOS Release Time(3)
—
0.5
—
0.5
—
0.1
0.5
—
0.5
µs
Minimum Input
t
OFFH
/LOS Release Time(4)
—
0.5
—
0.5
—
0.1
0.5
—
0.5
µs
Maximum Input
t
ONL
/LOS Assert Time(3)
—
0.5
—
0.5
—
0.2
0.5
—
0.5
µs
VSR
/LOS Sensitivity Range
5
50
5
50
5
—
50
5
50
mV
PP
HYS
/LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
AC ELECTRICAL CHARACTERISTICS
V
CC = +5V ±10%, RLOAD = 50Ω to VCC–2V, TA = –40°C to +85°C.
Notes:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is 622MHz square wave.
3. Input is a 200MHz square wave, tr < 300ps, 8mV
PP.
4. Input is a 200MHz square wave, tr < 300ps, 1.8V
PP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com