Electronic Components Datasheet Search
  English  ▼

X  

SY87724LE Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY87724LE
Description  3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724LE Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY87724LE Datasheet HTML 6Page - Micrel Semiconductor SY87724LE Datasheet HTML 7Page - Micrel Semiconductor SY87724LE Datasheet HTML 8Page - Micrel Semiconductor SY87724LE Datasheet HTML 9Page - Micrel Semiconductor SY87724LE Datasheet HTML 10Page - Micrel Semiconductor SY87724LE Datasheet HTML 11Page - Micrel Semiconductor SY87724LE Datasheet HTML 12Page - Micrel Semiconductor SY87724LE Datasheet HTML 13Page - Micrel Semiconductor SY87724LE Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
SY87724LE
January 2008
13
M9999-012508-A
hbwhelp@micrel.com or (408) 955-1690
Timing Application Example
Notes:
1. MTXCLK = 1Gbps.
2. Time “x” is approximately equal to time “y.”
3. Set-up and hold for MPF0-4± conditional on the MTXCLK± rising edge just prior to the MTXCLK± rising edge that causes an MPINCK± rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com