Electronic Components Datasheet Search
  English  ▼

X  

SY87724LE Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87724LE
Description  3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724LE Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87724LE Datasheet HTML 1Page - Micrel Semiconductor SY87724LE Datasheet HTML 2Page - Micrel Semiconductor SY87724LE Datasheet HTML 3Page - Micrel Semiconductor SY87724LE Datasheet HTML 4Page - Micrel Semiconductor SY87724LE Datasheet HTML 5Page - Micrel Semiconductor SY87724LE Datasheet HTML 6Page - Micrel Semiconductor SY87724LE Datasheet HTML 7Page - Micrel Semiconductor SY87724LE Datasheet HTML 8Page - Micrel Semiconductor SY87724LE Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
SY87724LE
January 2008
2
M9999-012508-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Package
Type
Operating Range
Package Marking
Lead
Finish
SY87724LEHI
H80-1
Industrial
SY87724LEHI
Sn-Pb
SY87724LEHY
H80-1
Industrial
SY87724LEHY with
Pb-Free bar line indicator
Matte-Sn
Pb-Free
Note:
1. Other Voltage available. Contact Micrel for details.
Pin Configuration
80-Pin EPAD-TQFP (H80-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com