Electronic Components Datasheet Search
  English  ▼

X  

SY100EP195VTITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EP195VTITR
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP195VTITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EP195VTITR Datasheet HTML 1Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 2Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 3Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 4Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 5Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 6Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 7Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 8Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ECL Pro®
SY100EP195V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Pin Function
23, 25, 26, 27, 29,
D[0:9]
CMOS, ECL, or TTL Select Inputs: These digital control signals adjust the amount of
30, 31, 32, 1, 2
delay from IN to Q. Please refer to the “Ac Electrical Table” (page 7) and Table 7 (page
17) for delay values. Figure 9 shows how to interface these inputs to various logic family
standards. These inputs default to logic low when left unconnected. Bit 0 is the least
significant bit, and bit 9 is the most significant bit.
3
D[10]
CMOS, ECL, or TTL Select Input: This input latches just like D[0:9] does. It drives the
CASCADE, /CASCADE differential pair. Use only when cascading two or more
SY100EP195V to extend the range of delays required.
4, 5
IN, /IN
ECL Input: This is the signal to be delayed. If this input pair is left unconnected, this is
equivalent to a logic low input.
6
VBB
Voltage Output: When using a single-ended logic source for IN and /IN, connect the
unused input of the differential pair to this pin. This pin can also re-bias AC-coupled inputs
to IN and /IN. When used, de-couple this pin to VCC through an 0.01µF capacitor. Limit
current sinking or sourcing to 0.5mA or less.
7
VEF
Voltage Output: Connect this pin to VCF when the D inputs are ECL. Refer to the
“Digital
Control Logic Standard” section of the “Functional Description” to interface the D inputs to
CMOS or TTL.
8
VCF
Voltage Input: The voltage at this pin sets the logic transition threshold for the D inputs.
9, 24, 28
VEE
Most Negative Supply: Supply ground for PECL systems.
10
LEN
ECL Control Input: When logic low, the D inputs flow through. Any changes to the D inputs
reflect in the delay between IN, /IN and Q, /Q. When logic high, the logic values at D are
latched, and these latched bits determine the delay.
11
SETMIN
ECL Control Input: When logic high, the contents of the D register are reset. This sets the
delay to the minimum possible, equivalent to D[0:9] being set to 0000000000. When logic
low, the value of the D register, or the logic value of SETMAX determines the delay from
IN, /IN to Q, /Q. This input defaults to logic low when left unconnected.
12
SETMAX
ECL Control Input: When logic high and SETMIN is logic low, the contents of the D
register are set high, and the delay is set to one step greater than the maximum possible
with D[0:9] set to 1111111111. When logic low, the value of the D register, or the logic
value of SETMIN determines the delay from IN, /IN to Q, /Q. This input defaults to logic
low when left unconnected.
13, 18, 19, 22
VCC
Most Positive Supply: Supply ground for NECL systems. Bypass to VEE with 0.1µF and
0.01µF low ESR capacitors.
15, 14
CASCADE,
100 ECL Outputs: These outputs are used when cascading two or more SY100EP195V to
/CASCADE
extend the delay range required.
16
/EN
ECL Control Input: When set active low, Q, /Q are a delayed version of IN, /IN. When set
inactive high, IN, /IN are gated such that Q, /Q become a differential logic low. This input
defaults to logic low when left unconnected.
20, 21
Q, /Q
100k ECL Outputs: This signal pair is the delayed version of IN, /IN.
17
NC
No Connect: Leave this pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com