Electronic Components Datasheet Search
  English  ▼

X  

LTC5593 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5593
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5593 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5593 Datasheet HTML 3Page - Linear Technology LTC5593 Datasheet HTML 4Page - Linear Technology LTC5593 Datasheet HTML 5Page - Linear Technology LTC5593 Datasheet HTML 6Page - Linear Technology LTC5593 Datasheet HTML 7Page - Linear Technology LTC5593 Datasheet HTML 8Page - Linear Technology LTC5593 Datasheet HTML 9Page - Linear Technology LTC5593 Datasheet HTML 10Page - Linear Technology LTC5593 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC5592
7
5592f
TYPICAL AC PERFORMANCE CHARACTERISTICS
Conversion Gain and IIP3 vs
RF Frequency
SSB NF vs RF Frequency
2-Tone IF Output Power, IM3 and
IM5 vs RF Input Power
1950MHz Conversion Gain, IIP3
and NF vs LO Power
2350MHz Conversion Gain, IIP3
and NF vs LO Power
2550MHz Conversion Gain, IIP3
and NF vs LO Power
Low Power Mode, Low Side LO
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = High, TC = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests,
Δf = 2MHz), IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
Conversion Gain, IIP3 and NF vs
Supply Voltage (Single Supply)
Conversion Gain, IIP3 and NF vs
Supply Voltage (Dual Supply)
Conversion Gain, IIP3 and RF
Input P1dB vs Temperature
6
8
7
10
9
12
11
14
13
5592 G20
16
15
–40°C
25°C
85°C
105°C
RF FREQUENCY (MHz)
1900 2000
2200
2100
2300 2400 2500 2600 2700
5
7
9
13
15
17
23
21
19
5592 G19
11
25
5
9
11
13
7
15
6
10
12
14
8
–40°C
25°C
85°C
105°C
IIP3
GC
RF FREQUENCY (MHz)
1900 2000
2200
2100
2300 2400 2500 2600 2700
LO INPUT POWER (dBm)
–6
5
7
9
13
15
17
25
23
21
19
–4
0
5592 G22
11
–2
2
4
6
8
12
16
4
20
0
2
10
14
18
6
IIP3
GC
NF
–40°C
25°C
85°C
VCC, VCCIF SUPPLY VOLTAGE (V)
3
5
7
9
11
15
17
19
25
23
21
3.1
3.3
5592 G25
13
3.2
3.4
3.5
3.6
8
12
16
4
20
0
2
10
14
18
6
–40°C
25°C
85°C
IIP3
GC
NF
VCC = VCCIF
RF = 2350MHz
LO INPUT POWER (dBm)
–6
5
7
9
13
15
17
25
23
21
19
–4
0
5592 G23
11
–2
2
4
6
8
12
16
4
20
0
2
10
14
18
6
–40°C
25°C
85°C
IIP3
GC
NF
LO INPUT POWER (dBm)
–6
5
9
7
11
15
17
19
25
23
21
–4
0
5592 G24
13
–2
2
4
6
8
12
16
4
20
0
2
10
14
18
6
–40°C
25°C
85°C
IIP3
GC
NF
VCCIF SUPPLY VOLTAGE (V)
3
5
7
9
11
15
17
19
25
23
21
3.5
5592 G26
13
4
4.5
5
5.5
8
12
16
4
20
0
2
10
14
18
6
–40°C
25°C
85°C
IIP3
GC
NF
VCC = 3.3V
RF = 2350MHz
CASE TEMPERATURE (°C)
–40
5
7
9
11
15
17
19
25
23
21
–10
50
5592 G27
13
20
80
110
VCCIF = 3.3V
VCCIF = 5V
GC
P1dB
IIP3
RF = 2350MHz
RF INPUT POWER (dBm/TONE)
–12
–80
–60
–40
–20
–9
–3
5592 G21
–6
0
3
6
20
0
IM5
IFOUT
RF1 = 2349MHz
RF2 = 2351MHz
LO = 2160MHz
IM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com